Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68134IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 14 of 50
Jun 19, 2017
SPS CURRENT SENSING
SPS current sense is accomplished by sensing each SPS IMON
output individually using VCCS as a common reference. Connect
all SPS IREF input pins and all ISL68134 CSRTNn input pins
together and tie them to VCCS, then connect the SPS IMONn
output pins to the corresponding ISL68134 CSn input pins. The
signals should be run as differential pairs from the SPS back to
the ISL68134.
Temperature Sensing
The ISL68134 supports temperature sensing through BJT or
smart power stage sense elements. Support for BJT sense
elements uses the well known delta Vbe method and allows up
to two sensors (MMBT3906 or similar) on each temperature
sense input, TMON0 and TMON1. Support for smart power stage
uses a linear conversion algorithm and allows one sensor reading
per pin. The conversion from voltage to temperature for smart
power stage sensing is user programmable through the
PowerNavigator GUI.
SPS temperature sensing measures the temperature dependent
voltage output on the SPS TMON pin. All of the SPS devices
attached to the Output 0 rail have their TMON pins connected to
the ISL68134 TMON0 pin. All of the SPS devices attached to the
Output 1 rail have their TMON pins connected to the ISL68134
TMON1 pin. The reported temperature is that of the highest
temperature SPS of the group.
In addition to the external temperature sense, the IC senses its
own die temperature, which can be monitored through
PowerNavigator.
Sensed temperature is used in the system for faults, telemetry,
and temperature compensation of sensed current.
Temperature Compensation
The ISL68134 supports inductor DCR sensing, which generally
requires temperature compensation due to the copper wire used
to form inductors. Copper has a positive temperature coefficient
of approximately 0.39%/°C. Because the voltage across the
inductor is sensed for the output current information, the sensed
current has the same positive temperature coefficient as the
inductor DCR.
Compensating current sense for temperature variation generally
requires that the current sensing element temperature and its
temperature coefficient be known. Although the temperature
coefficient is generally obtained easily, the actual current sense
element temperature is essentially impossible to measure
directly. Instead, a temperature sensor (a BJT for the ISL68134)
placed near the inductors is measured and the current sense
element (DCR) temperature is calculated from that
measurement. Calculating current sense element temperature is
equivalent to applying gain and offset corrections to the
temperature sensor measurement and the ISL68134 supports
both corrections.
Figure 14 on page 15 depicts the block diagram of temperature
compensation. A BJT placed near the inductors used for DCR
sensing is monitored by the IC using the well known delta Vbe
method of temperature sensing. TSENSE is the direct measured
temperature of the BJT. Because the BJT is not directly sensing
DCR, corrections must be made so that TDCR reflects the true
DCR temperature. Corrections are applied according to the
relationship shown in Equation 1, where kSLOPE represents a
gain scaling and TOFFSET represents an offset correction. These
parameters are provided by the designer using the
PowerNavigator GUI:
After TDCR has been determined, the compensated DCR value
can be determined according to Equation 2, where DCR25 is the
DCR at +25°C and TC is the temperature coefficient of copper
(3900 ppm/°C). Here, TDCR = TACTUAL
Thus, the temperature compensated DCR is now used to
determine the actual value of current in the DCR sense element.
FIGURE 11. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
IOUT
VOUT
FIGURE 12. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO SMALL
IOUT
VOUT
FIGURE 13. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO LARGE
IOUT
VOUT
TDCR
kSLOPE TSENSE TOFFSET
+
=
(EQ. 1)
DCRCORR
DCR25 1TC
+
TACTUAL 25
–


=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com