Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68134IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 13 of 50
Jun 19, 2017
Switching Frequency
The switching frequency is user configurable over a range of
200kHz to 1MHz.
Current Sensing
The ISL68134 supports DCR, resistor, and smart power stage
current sensing. Connection to the various sense elements is
accomplished using the CS and CSRTN pins. Current sensing
inputs are high impedance differential inputs to reject noise and
ground related inaccuracies.
To accommodate a wide range of effective sense resistance,
information about the effective sense resistance and required
per phase current capability is used by the GUI to properly
configure the current sense circuitry.
INDUCTOR DCR SENSING
DCR sensing takes advantage of the fact that an inductor
winding has a resistive component (DCR) that will drop a voltage
proportional to the inductor current. Figure 8 shows that the DCR
is treated as a lumped element with one terminal inaccessible
for measurement. Fortunately, a simple R-C network as shown in
Figure 9 is capable of reproducing the hidden DCR voltage. By
simply matching the R-C time constant to the L/DCR time
constant, it is possible to precisely recreate the DCR voltage
across the capacitor. This means that VDCR(t) = VC(t), thus
preserving even the high frequency characteristic of the DCR
voltage.
Modern inductors often have such low DCR values that the
resulting signal is <10mV. To avoid noise problems, care must be
taken in the PCB layout to properly place the R-C components and
route the differential lines between controller and inductor.
Figure 8 shows one PCB design method that places the R
component near the inductor VPHASE and the C component very
close to the IC pins. This minimizes routing of the noisy VPHASE
and maximizes filtering near the IC. Route the lines between the
inductor and IC as a pair on a single layer directly to the controller.
Care must be taken to avoid routing the pair near any switching
signals including Phase, PWM etc. This is the method used by
Intersil on evaluation board designs.
This method is sensing the resistance of a metal winding in
which the DCR value will increase with temperature. This must be
compensated or the sensed (and reported) current will increase
with temperature. To compensate the temperature effect, the
ISL68134 provides temperature sensing options and an internal
methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor RSENSE in series with each output inductor can serve as the
current sense element. This technique, however, reduces the overall
converter efficiency due to the additional power loss on the current
sense element RSENSE.
A current sensing resistor has a distributed parasitic inductance,
known as Equivalent Series Inductance (ESL), typically less than
1nH. Consider the ESL as a separate lumped quantity, as shown
in Figure 9. The phase current IL, flowing through the inductor,
will also pass through the ESL. Similar to DCR sensing described
previously, a simple R-C network across the current sense
resistor extracts the RSENSE voltage. Simply match the
ESL/RSENSE time constant to the R-C time constant.
Figure 10 shows the sensed waveforms with and without
matching RC when using resistive sense. PCB layout should be
treated similar to that described for DCR sense.
L/DCR OR ESL/RSEN MATCHING
Assuming the compensator design is correct, Figure 11 on
page 14 shows the expected load transient response waveforms if
L/DCR or ESL/RSEN is matching the R-C time constant. When the
load current IOUT has a square change, the output voltage VOUT
also has a square response, except for the potential overshoot at
load release. However, there is always some uncertainty in the true
parameter values involved in the time constant matching and
therefore fine-tuning is generally required.
If the R-C timing constant is too large or too small, VC(t) will not
accurately represent real-time IOUT(t) and will worsen the
transient response. Figure 12 on page 14 shows the load
transient response when the R-C timing constant is too small. In
this condition, VOUT will sag excessively upon load insertion and
may create a system failure or early overcurrent trip. Figure 13
on page 14 shows the transient response when the R-C timing
constant is too large. VOUT is sluggish in drooping to its final
value. Use these general guides if fine-tuning is needed.
FIGURE 8. DCR SENSING CONFIGURATION
CSn
CSRTNn
C
R
DC R
L
L
DCR
R
C
VOUT
VPHASE
IC
CURRENT
SENSE
FIGURE 9. SENSE RESISTOR IN SERIES WITH INDUCTOR
CSn
CSRTNn
C
R
RSENSE
ESL
RSENSE
R
C
VOUT
VPHASE
IC
ESL
CURRENT
SENSE
FIGURE 10. VOLTAGE ACROSS R WITH AND WITHOUT RC
NOMATCHINGRC
MATCHINGRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com