Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68134IRAZ Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 48Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 49Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
FN8817 Rev.1.00
Page 49 of 50
Jun 19, 2017
ISL68134
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2016-2017. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
c
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
For a listing of definitions and abbreviations of common terms used in our documents, visit www.intersil.com/glossary.
You can report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History The revision history provided is for informational purposes only and is believed to be accurate, however, not
warranted. Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Jun 19, 2017
FN8817.1
Applied new header/footer.
Updated “Enable (EN0 and EN1) Input High Level” spec on page 9, removed typical and added a min spec of
2.55V.
Added “Enable (EN0 and EN1) Input Low Level” spec on page 9.
On page 11, changed from “SCL, SDA Input High/Low Threshold” to “SCL, SDA Input High Level” removed
typical and added Min spec of 1.55V.
Added “SCL, SDA Input Low Level” spec on page 11.
On pages 26 through 35, Updated the tables in the PMBus Command Detail section for the following
commands, changed from “Two’s Complement Integer” to “Unsigned Integer”.
- VOUT_COMMAND, VOUT_MAX, VOUT_MARGIN_HIGH, VOUT_MARGIN_LOW, VOUT_TRANSITION_RATE,
VOUT_DROOP,
VOUT_MIN, VOUT_OV_FAULT_LIMIT, VOUT_UV_FAULT_LIMIT, VIN_OV_FAULT_LIMIT,
VIN_UV_FAULT_LIMIT,
IIN_OC_FAULT_LIMIT, TON_DELAY, TON_RISE, TOFF_DELAY, and TOFF_FALL
Updated “READ_PIN (97h)” on page 43 from Paged to Global.
Updated “STATUS_CML (7Eh)” on page 40, changed Bit 1 meaning to “A communication fault other than the
ones listed in this table has occurred.”
Updated “AVSBus Slave Response Subframe” on page 46. Bit numbers were off by one for the setting row.
Updated About Intersil verbiage.
Sept 28, 2016
FN8817.0
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com