Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68137IRAZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 28Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 29Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 30Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 31Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 32Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 32 of 54
Jun 26, 2017
VOUT_TRANSITION_RATE (27h)
Definition: Sets the output voltage rate of change during regulation. Changes to this setting require a write to the APPLY_SETTINGS
command before the change will take effect.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 0064h (10mV/µs)
Units: µV/µs
Equation: VOUT_TRANSITION_RATE = (Direct value)*100
Range: 100µV/µs to 100mV/µs
VOUT_DROOP (28h)
Definition: Sets the output voltage rate of change during regulation. Changes to this setting require a write to the APPLY_SETTINGS
command before the change will take effect.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: 0000h (0µV/A)
Units: µV/A
Equation: VOUT_DROOP = (Direct value)*10
Range: 0µV/A to 16,000µV/A
COMMAND
VOUT_TRANSITION_RATE (27h)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Unsigned Integer
Default Value
0
00
00
000
01
10
010
0
COMMAND
VOUT_DROOP (28h)
Format
Direct
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Unsigned Integer
Default Value
0
00
00
000
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com