Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68137IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 13 of 54
Jun 26, 2017
Functional Description
Overview
The ISL68137 is a digital dual output 7-phase PWM controller
that can be programmed for single output 7+0, dual output 6+1,
5+2, or 4+3 phase operation. Operation using less than seven
phases between two outputs is also supported. Existing digital
multiphase solutions use analog comparator based schemes
(nonlinear) to bolster the inadequate transient response
common to many digital multiphase solutions. The ISL68137
uses a linear voltage regulation scheme to address transient
loads. As a result, it is much easier for users to configure and
validate their designs when compared with nonlinear schemes.
By combining a proprietary low noise and zero latency digital
current sense scheme with cutting edge digital design
techniques, Intersil is able to meet transient demands without
resorting to nonlinear schemes. In addition, the ISL68137 can
store up to eight user configurations in NVM and allows the user
to select the desired configuration through pin-strap (CONFIG).
The result is a system that is easy to configure and deploy.
The ISL68137 supports several performance enhancing features.
These include AVSBus control, diode braking, automatic phase
dropping, DCR/resistor/smart power stage current sense
support, load line regulation, and multiple temperature sensing
options.
To facilitate configuration development, the PowerNavigator GUI
provides a step-by-step arrangement for setup and parametric
adjustment. After a configuration has been set, the user can
employ PowerNavigator to monitor telemetry or use the PMBus
interface directly based on the supported command set.
PWM Modulation Scheme
The ISL68137 uses Intersil's proprietary linear synthetic current
modulation scheme to improve transient performance. This is a
unique constant frequency, dual edge PWM modulation scheme
with both PWM leading and trailing edges being independently
moved to give the best response to transient loads. Current
balance is an inherent part of the regulation scheme. The
modulation scheme is capable of overlapping pulses if the load
profile demands such operation. In addition, the modulator is
capable of adding or removing pulses from a given cycle in
response to regulation demands while still managing maximum
average frequency to safe levels. For DC load conditions the
operating frequency is constant.
PMBus Address Selection
When communicating with multiple PMBus devices on a single
bus, each device must have its own unique address so the host
can distinguish between the devices. The device address can be
set using a 1% resistor on the SA pin according to the pin-strap
options listed in Table 2.
Phase Configuration
The ISL68137 supports up to two regulated outputs through
seven configurable phases. Either output is capable of controlling
up to seven phases in any arbitrary mix. Phase assignments are
accomplished through the PowerNavigator GUI.
Although the device supports arbitrary phase assignment, it is
good practice to assign phases to Output 1 in descending
sequential numerical order starting from Phase 6. For example, a
4-phase rail could consist of phases 6, 5, 4, and 3. For Output 0,
phases would be assigned starting from Phase 0 in ascending
sequential numerical order.
Automatic Phase Add and Drop
To produce the most optimal efficiency across a wide range of
output loading, the modulator supports automatic dropping or
adding of phases. Use of automatic phase dropping is optional. If
automatic phase dropping is enabled, the number of active
phases at any time is determined solely by load current. During
operation, phases of Output 1 will drop beginning with the lowest
phase number assigned. Phase dropping begins with the highest
assigned phase number. Figure 8 illustrates the typical
characteristic of efficiency vs load current vs phase count.
TABLE 2. RESISTOR VALUES TO ADDRESS MAPPING
R SA
(Ω)
PMBus
ADDRESS
R SA
(Ω)
PMBus
ADDRESS
0
60h
1500
50h
180
61h
1800
51h
330
64h
2200
54h
470
65h
2700
55h
680
40h
3300
58h
820
41h
3900
59h
1000
44h
4700
5Ch
1200
45h
5600
5Dh
LOAD (A)
FIGURE 8. EFFICIENCY vs PHASE NUMBER
I1
I2
I3
I4
I5
0
20
60
80
100
120
140
160
180
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com