Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68137IRAZ Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 39 of 54
Jun 26, 2017
STATUS_BYTE (78h)
Definition: Returns a summary of the unit’s fault status. Based on the information in this byte, the host can get more information by
reading the appropriate status registers. A fault in either output will be reported here.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Bit Field
Type: Read Only
Default Value: N/A
COMMAND
STATUS_BYTE (78h)
Format
Bit Field
Bit Position
7
654321
0
Access
RRRRRR
RR
Function
See Following Table
BIT NUMBER
STATUS BIT NAME
MEANING
7Not Used
Not used
6
OFF
This bit is asserted if the unit is not providing power to the output,
regardless of the reason, including simply not being enabled.
5
VOUT_OV_FAULT
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
An input undervoltage fault has occurred.
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory, or logic fault has occurred.
0
None of the Above
A status change other than those listed above has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com