Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68137IRAZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68137IRAZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL68137IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68137IRAZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
ISL68137
FN8757 Rev.1.00
Page 21 of 54
Jun 26, 2017
Layout and Design Considerations
In addition to TB379, the following PCB layout and design
strategies are intended to minimize the noise coupling, the
impact of board parasitic impedances on converter performance,
and to optimize the heat dissipating capabilities of the printed
circuit board. This section highlights some important practices,
which should be followed during the layout process.
Table 4 provides general guidance on best practices related to
pin noise sensitivity. Use of good engineering judgment is
required to implement designs based on criteria specific to the
situation.
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATIONS
PIN
NAME
NOISE
SENSITIVE
DESCRIPTION
VINSEN
Yes
Connects to the resistor divider between VIN and
GND (see Figure 17 on page 17). Filter VINSEN
with 10nF to GND.
RGNDx
VSENx
Yes
Treat each of the remote voltage sense pairs as
differential signals in the PCB layout. They
should be routed side by side on the same layer.
They should not be routed in proximity to noisy
signals like PWM or Phase. Tie to ground when
not used.
PGx
No
Open-drain. 3.3V maximum pull-up voltage. Tie
to ground when not used.
SCL, SDA,
SALRT
Yes
50kHz to 2MHz signal during communication,
pair up with SALRT and route carefully. 20 mils
spacing within SDA, SALRT, and SCL; and more
than 30 mils to all other signals. Refer to the
SMBus design guidelines and place proper
termination resistance for impedance
matching. Tie to ground when not used.
AVS_CLK,
AVS_SDA,
AVS_MDA
Yes
Up to 50MHz signals during communication,
route carefully. 20 mils spacing within CLK, SDA,
and MDA; and more than 30 mils to all other
signals. Tie CLK and MDA to ground when not
used.
TMONx
Yes
When diode sensing is used, VCCS is the return
path for the delta Vbe currents. Use a separate
VCCS route specifically for diode temp sense. A
filter capacitor no greater than 500pF should be
placed between each TMON pin and the VCCS
pin near the IC. Tie to ground when not used.
TWARN
No
Open-drain. 3.3V maximum pull-up voltage.
VCC
Yes
Place at least 2.2µF MLCC decoupling capacitor
directly at the pin.
VCCS
Yes
Place 4.7µF MLCC decoupling capacitor directly
at the pin.
PWM
No
Avoid routing near noise sensitive analog lines
such as current sense or voltage sense.
CSx
CSRTNx
Yes
Treat each of the current sense pairs as
differential signals in the PCB layout. They
should be routed side by side on the same layer.
They should not be routed in proximity to noisy
signals like PWM or Phase. Proper routing of
current sense is perhaps the most critical of all
the layout tasks. Tie to ground when not used.
GND
Yes
This EPAD is the return of PWM output drivers.
Use four or more vias to directly connect the
EPAD to the power ground plane.
General
Comments
The layer next to the top or bottom layer is
preferred to be ground layers, while the signal
layers can be sandwiched in the ground layers if
possible.
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATIONS (Continued)
PIN
NAME
NOISE
SENSITIVE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com