Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12M Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT12M
Description  Decoder Doorbell
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12M Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT12M Datasheet HTML 1Page - Holtek Semiconductor Inc HT12M Datasheet HTML 2Page - Holtek Semiconductor Inc HT12M Datasheet HTML 3Page - Holtek Semiconductor Inc HT12M Datasheet HTML 4Page - Holtek Semiconductor Inc HT12M Datasheet HTML 5Page - Holtek Semiconductor Inc HT12M Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pad Assignment
Pad Coordinates
Unit:
mm
Pad No.
X
Y
1
-610.00
701.90
2
-622.00
461.60
3
-622.00
350.60
4
-622.00
239.70
5
-616.00
-695.20
6
-502.00
-695.20
7
-388.50
-687.70
8
-87.95
-647.80
9
575.80
172.40
10
575.80
444.20
11
308.30
660.40
12
22.10
635.90
13
-122.40
638.40
14
-270.40
701.90
15
-384.50
701.90
16
-495.50
701.90
Chip Size: 1530
´ 1690 mm
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description
Pin No.
Pin Name
I/O
Internal Connection
Description
1~8
A0~A7
I
NMOS
Open Drain
Address pin.
9
VSS
¾¾
Negative power supply, ground
10
AUD
O
PMOS
Open Drain
Audio out
11
DIN
I
COMS In
Serial data input
12
AMP
O
CMOS
Amp feed back
13
OSCI
I
¾
Oscillator input pin.
14
VT
O
CMOS
Busy, data valid
15
TEST
I
CMOS In
Test pin.
16
VDD
¾¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage ........................................
-0.3V to 5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT12M
Rev. 1.00
2
March 25, 2002
( 0 , 0 )
1
2
3
4
5
1 6
6
7
8
A 6 A 7 V S S
A U D
1 0
9
A M P
D I N
1 5 1 4
1 3
1 2
1 1
A 2
A 3
A 4
A 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com