Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12M Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT12M
Description  Decoder Doorbell
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12M Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT12M Datasheet HTML 1Page - Holtek Semiconductor Inc HT12M Datasheet HTML 2Page - Holtek Semiconductor Inc HT12M Datasheet HTML 3Page - Holtek Semiconductor Inc HT12M Datasheet HTML 4Page - Holtek Semiconductor Inc HT12M Datasheet HTML 5Page - Holtek Semiconductor Inc HT12M Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT12M
2
12 Decoder Doorbell
Block Diagram
Pin Assignment
Rev. 1.00
1
March 25, 2002
Features
· Operating voltage: 2.4V~5.0V
· Built-in AMP
· 2channel dual tone generator
· One Pin oscillator
· Current type D/A Output
· HT12E encoder pair with
· Tone optional: Ding-Dong/Westminster tunes
· 16-pin DIP package
General Description
The main application area for the HT12M device is for
remote control doorbells working together with HT12E.
Containing all the functions of the Holtek HT12D de-
coder and with an added amplifier and melody genera-
tor, the device eliminates the need for customers to
incorporate an external op-amp and melody generator
IC within their product applications, in the process sig-
nificantly reducing overall product costs.
In addition to being fully compatible with the HT12D cir-
cuitry, the device includes the following features; inter-
nal Inverting AMP with can also operate as standard
independent inverter, internal 2 channel tone generator
and current type Audio output.
O S C I
A M P
V D D
V S S
B U S Y
A U D
O s c i l l a t o r
C i r c u i t
A M P
C i r c u i t
D I N
D i v i d e r
C o m p a r a t o r
T o n e
G e n e r a t o r
C o n t r o l
C i i r c u i t
A d d r e s s
C i r c u i t
A 0
A 7
T E S T
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
V D D
T E S T
V T
O S C I
A M P
D I N
A U D
V S S
H T 1 2 M
1 6 D I P - A


Similar Part No. - HT12M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT12 TSC-HT12 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Honeywell Solid State E...
HT1204 HONEYWELL-HT1204 Datasheet
328Kb / 5P
High Temperature Quad Analog Switch
More results

Similar Description - HT12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
PAL decoder
March 1986
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
NTSC decoder
August 1986
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
DECODER
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
DTVPC Decoder
BT829A ETC-BT829A Datasheet
1Mb / 136P
VideoStream DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Microsemi Corporation
UDA10 MICROSEMI-UDA10 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
SECAM decoder
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
MPEG1 Decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
BTSC decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com