Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12M Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT12M
Description  Decoder Doorbell
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12M Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT12M Datasheet HTML 1Page - Holtek Semiconductor Inc HT12M Datasheet HTML 2Page - Holtek Semiconductor Inc HT12M Datasheet HTML 3Page - Holtek Semiconductor Inc HT12M Datasheet HTML 4Page - Holtek Semiconductor Inc HT12M Datasheet HTML 5Page - Holtek Semiconductor Inc HT12M Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5V
ISTB
Standby Current
5V
OSC stop amp off
¾
0.1
1
mA
5V
OSC stop amp on
¾
10
20
mA
IDD
Operating Current
5V
No load
fOSC=150kHz
¾
1.5
2
mA
IAUD
AUD output current
5V
Transistor B load
3
5
¾
mA
IVT
VT Output Source Current
5V
VOH=4.5V
-2
-3
¾
mA
VT Output Sink Current
5V
VOL=0.5V
23
¾
mA
VIH
High Input Voltage
5V
¾
3.5
¾
5V
VIL
Low Input Voltage
5V
¾
0
¾
1V
fOSC
Oscillator Frequency
5V
ROSC=820k
W¾
190
¾
kHz
HT12M
Rev. 1.00
3
March 25, 2002
Functional Description
Built-in inverter amp
Trigger mode
Single tone has 4 second total length, dual tone has 1
second total length.
A M P
D a t a O u t
R . I n p u t
V T
O n e - s h o t
O n e - s h o t
T w i c e
W e s t m i n s t e s
t u r e
1 s e c
3 s e c
3 . 2 s e c
The Ding-Dong sound: is determined by the D8~D11 pins on the HT12E. While the Re-trigger/Non-trigger function is
determined by the D11 pin on the HT12E.
D11
D10
D9
D8
Sound
Notes
1
000
Me
1
2
0
0
1
Me Do
2
3
010
Me Do
¾ Me Do
Repeat
4
0
1
1
Me/Do
Single tone
5
100
Me Do Re So
¾ So Re Me Do
Westminster tune
6
1
0
1
Me/Do Do/So
Double tone
7
1
1
0
So Re Me Do
4
8
111
Me/Do Do/So
¾ Me/Do Do/So
Dual Tone-repeat
Section time: 0.8secretary
´ 2 = 1.6sec



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com