Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12M Datasheet (PDF) - Holtek Semiconductor Inc

HT12M Datasheet PDF - Holtek Semiconductor Inc
Part # HT12M
Download  HT12M Download
File Size   92.8 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Decoder Doorbell

HT12M Datasheet (PDF)

Go To PDF Page Download Datasheet
HT12M Datasheet PDF - Holtek Semiconductor Inc

Part # HT12M
Download  HT12M Click to download

File Size   92.8 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Decoder Doorbell

HT12M Datasheet (HTML) - Holtek Semiconductor Inc


HT12M Product details

General Description

The main application area for the HT12M device is for remote control doorbells working together with HT12E. Containing all the functions of the Holtek HT12D decoder and with an added amplifier and melody generator, the device eliminates the need for customers to incorporate an external op-amp and melody generator IC within their product applications, in the process significantly reducing overall product costs.

In addition to being fully compatible with the HT12D circuitry, the device includes the following features; internal Inverting AMP with can also operate as standard independent inverter, internal 2 channel tone generator and current type Audio output.



Features

• Operating voltage: 2.4V~5.0V

• Built-in AMP

• 2channel dual tone generator

• One Pin oscillator

• Current type D/A Output

• HT12E encoder pair with

• Tone optional: Ding-Dong/Westminster tunes

• 16-pin DIP package



 




Similar Part No. - HT12M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT12 TSC-HT12 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Honeywell Solid State E...
HT1204 HONEYWELL-HT1204 Datasheet
328Kb / 5P
High Temperature Quad Analog Switch
More results


Similar Description - HT12M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4510 PHILIPS-TDA4510 Datasheet
69Kb / 9P
PAL decoder
March 1986
TDA4570 PHILIPS-TDA4570 Datasheet
67Kb / 9P
NTSC decoder
August 1986
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
DECODER
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
DTVPC Decoder
BT829A ETC-BT829A Datasheet
1Mb / 136P
VideoStream DECODER
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Microsemi Corporation
UDA10 MICROSEMI-UDA10 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
SECAM decoder
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
MPEG1 Decoder
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
BTSC decoder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com