Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6281 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6281
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6281 Datasheet HTML 1Page - Microchip Technology MCP6281 Datasheet HTML 2Page - Microchip Technology MCP6281 Datasheet HTML 3Page - Microchip Technology MCP6281 Datasheet HTML 4Page - Microchip Technology MCP6281 Datasheet HTML 5Page - Microchip Technology MCP6281 Datasheet HTML 6Page - Microchip Technology MCP6281 Datasheet HTML 7Page - Microchip Technology MCP6281 Datasheet HTML 8Page - Microchip Technology MCP6281 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP6281/2/3/4/5
DS21811D-page 4
 2004 Microchip Technology Inc.
MCP6283/MCP6285 CHIP SELECT (CS) SPECIFICATIONS
FIGURE 1-1:
Timing Diagram for the
Chip Select (CS) pin on the MCP6283 and
MCP6285.
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS = GND,
VCM = VDD/2, VOUT ≈ VDD/2, RL = 10 kΩ to VDD/2 and CL = 60 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2 VDD
V
CS Input Current, Low
ICSL
—0.01—
µA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—0.7
2
µA
CS = VDD
GND Current per Amplifier
ISS
—-0.7—
µA
CS = VDD
Amplifier Output Leakage
0.01
µA
CS = VDD
Dynamic Specifications (Note 1)
CS Low to Valid Amplifier
Output, Turn-on Time
tON
—4
10
µs
CS Low
≤ 0.2 V
DD, G = +1 V/V,
VIN = VDD/2, VOUT = 0.9 VDD/2,
VDD = 5.0V
CS High to Amplifier Output High-Z
tOFF
—0.01—
µs
CS High
≥ 0.8 V
DD, G = +1 V/V,
VIN = VDD/2, VOUT = 0.1 VDD/2
Hysteresis
VHYST
—0.6
V
VDD = 5V
Note
1:
The input condition (VIN) specified applies to both op amp A and B of the MCP6285. The dynamic specification is tested
at the output of op amp B (VOUTB).
VIL
Hi-Z
tON
VIH
CS
tOFF
VOUT
-0.7 µA (typ.)
Hi-Z
ISS
ICS
0.7 µA (typ.)
0.7 µA (typ.)
-0.7 µA (typ.)
-450 µA (typ.)
10 nA (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com