Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6281 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6281
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6281 Datasheet HTML 9Page - Microchip Technology MCP6281 Datasheet HTML 10Page - Microchip Technology MCP6281 Datasheet HTML 11Page - Microchip Technology MCP6281 Datasheet HTML 12Page - Microchip Technology MCP6281 Datasheet HTML 13Page - Microchip Technology MCP6281 Datasheet HTML 14Page - Microchip Technology MCP6281 Datasheet HTML 15Page - Microchip Technology MCP6281 Datasheet HTML 16Page - Microchip Technology MCP6281 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2004 Microchip Technology Inc.
DS21811D-page 13
MCP6281/2/3/4/5
FIGURE 4-6:
Example Guard Ring Layout
for Inverting Gain.
1.
For
Inverting
Gain
and
Transimpedance
Amplifiers (convert current to voltage, such as
photo detectors):
a.
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b.
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
2.
Non-inverting Gain and Unity-Gain Buffer:
a.
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b.
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
common mode input voltage.
4.8
Application Circuits
4.8.1
SALLEN-KEY HIGH-PASS FILTER
The MCP6281/2/3/4/5 op amps can be used in active-
filter applications. Figure 4-7 shows a second-order
Sallen-Key high-pass filter with a gain of 1. The output
bias voltage is set by the VDD/2 reference, which can
be changed to any voltage within the output voltage
range.
FIGURE 4-7:
Sallen-Key High-Pass Filter.
This filter, and others, can be designed using
Microchip’s FilterLab® software, which is available on
our web site (www.microchip.com).
4.8.2
INVERTING MILLER INTEGRATOR
Analog integrators are used in filters, control loops and
measurement circuits. Figure 4-8 shows the most
common implementation, the inverting Miller integrator.
The non-inverting input is at VDD/2 so that the op amp
properly biases up. The switch (SW) is used to zero the
output in some applications. Other applications use a
feedback loop to keep the output within its linear range
of operation.
FIGURE 4-8:
Miller Integrator.
Guard Ring
VSS
VIN–VIN+
MCP6281
VOUT
VIN
VDD/2
R2
R1
C2
C1
+
–
MCP6281
VOUT
VIN
VDD/2
RC
VOUT
VIN
=
1
sRC
SW
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com