Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6281 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6281
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6281 Datasheet HTML 1Page - Microchip Technology MCP6281 Datasheet HTML 2Page - Microchip Technology MCP6281 Datasheet HTML 3Page - Microchip Technology MCP6281 Datasheet HTML 4Page - Microchip Technology MCP6281 Datasheet HTML 5Page - Microchip Technology MCP6281 Datasheet HTML 6Page - Microchip Technology MCP6281 Datasheet HTML 7Page - Microchip Technology MCP6281 Datasheet HTML 8Page - Microchip Technology MCP6281 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP6281/2/3/4/5
DS21811D-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD – VSS ........................................................................7.0V
All Inputs and Outputs ................... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short Circuit Current ................................. Continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.....................................-65°C to +150°C
Junction Temperature (TJ) . .........................................+150°C
ESD Protection On All Pins (HBM;MM)
................ ≥ 4 kV;400V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS = GND,
VCM = VDD/2, RL = 10 kΩ to VDD/2 and VOUT ≈ VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-3.0
+3.0
mV
VCM = VSS (Note 1)
Input Offset Voltage
(Extended Temperature)
VOS
-5.0
+5.0
mV
TA= -40°C to +125°C,
VCM = VSS (Note 1)
Input Offset Temperature Drift
∆V
OS/∆TA
—±1.7
µV/°C TA= -40°C to +125°C,
VCM = VSS (Note 1)
Power Supply Rejection Ratio
PSRR
70
90
dB
VCM = VSS (Note 1)
Input Bias, Input Offset Current and Impedance
Input Bias Current
IB
±1.0
pA
Note 2
At Temperature
IB
50
200
pA
TA= +85°C (Note 2)
At Temperature
IB
—2
5
nA
TA= +125°C (Note 2)
Input Offset Current
IOS
±1.0
pA
Note 3
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF Note 3
Differential Input Impedance
ZDIFF
—1013||3
Ω||pF Note 3
Common Mode (Note 4)
Common Mode Input Range
VCMR
VSS − 0.3
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
70
85
dB
VCM = -0.3V to 2.5V, VDD = 5V
Common Mode Rejection Ratio
CMRR
65
80
dB
VCM = -0.3V to 5.3V, VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
dB
VOUT = 0.2V to VDD – 0.2V,
VCM =VSS (Note 1)
Output
Maximum Output Voltage Swing
VOL, VOH
VSS + 15
VDD – 15
mV
Output Short Circuit Current
ISC
—±25
mA
Power Supply
Supply Voltage
VDD
2.2
5.5
V
Quiescent Current per Amplifier
IQ
300
450
570
µA
IO = 0
Note
1:
The MCP6285’s VCM for op amp B (pins VOUTA/VINB+ and VINB–) is VSS + 100 mV.
2:
The current at the MCP6285’s VINB– pin is specified by IB only.
3:
This specification does not apply to the MCP6285’s VOUTA/VINB+ pin.
4:
The MCP6285’s VINB– pin (op amp B) has a common mode range (VCMR) of VSS + 100 mV to VDD – 100 mV.
The MCP6285’s VOUTA/VINB+ pin (op amp B) has a voltage range specified by VOH and VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com