Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6281 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6281
Description  450 UA, 5 MHz Rail-to-Rail Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6281 Datasheet HTML 1Page - Microchip Technology MCP6281 Datasheet HTML 2Page - Microchip Technology MCP6281 Datasheet HTML 3Page - Microchip Technology MCP6281 Datasheet HTML 4Page - Microchip Technology MCP6281 Datasheet HTML 5Page - Microchip Technology MCP6281 Datasheet HTML 6Page - Microchip Technology MCP6281 Datasheet HTML 7Page - Microchip Technology MCP6281 Datasheet HTML 8Page - Microchip Technology MCP6281 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2004 Microchip Technology Inc.
DS21811D-page 1
MCP6281/2/3/4/5
Features
• Gain Bandwidth Product: 5 MHz (typ.)
• Supply Current: IQ = 450 µA (typ.)
• Supply Voltage: 2.2V to 5.5V
• Rail-to-Rail Input/Output
• Extended Temperature Range: -40°C to +125°C
• Available in Single, Dual and Quad Packages
• Single with Chip Select (CS) (MCP6283)
• Dual with Chip Select (CS) (MCP6285)
Applications
• Automotive
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Available Tools
• SPICE Macro Model (at www.microchip.com)
•FilterLab® Software (at www.microchip.com)
Description
The Microchip Technology Inc. MCP6281/2/3/4/5
family of operational amplifiers (op amps) provide wide
bandwidth for the current. This family has a 5 MHz
Gain Bandwidth Product (GBWP) and a 65° phase
margin. This family also operates from a single supply
voltage as low as 2.2V, while drawing 450 µA (typ.)
quiescent current. Additionally, the MCP6281/2/3/4/5
supports rail-to-rail input and output swing, with a
common mode input voltage range of VDD + 300 mV to
VSS – 300 mV. This family of operational amplifiers is
designed with Microchip’s advanced CMOS process.
The MCP6285 has a Chip Select (CS) input for dual op
amps in an 8-pin package. This device is manufactured
by cascading the two op amps (the output of op amp A
connected to the non-inverting input of op amp B). The
CS input puts the device in Low-power mode.
The
MCP6281/2/3/4/5
family
operates
over
the
Extended Temperature Range of -40°C to +125°C. It
also has a power supply range of 2.2V to 5.5V.
Package Types
VIN
_
MCP6281
VDD
1
2
3
4
8
7
6
5
-
+
NC
NC
NC
VIN+
VSS
MCP6282
PDIP, SOIC, MSOP
MCP6284
1
2
3
4
14
13
12
11
-
+ -
+
10
9
8
5
6
7
+
-
-
+
PDIP, SOIC, TSSOP
1
2
3
4
8
7
6
5
-
+ -
+
VOUT
MCP6283
1
2
3
4
8
7
6
5
-
+
VINA
_
VINA+
VSS
VOUTA
VOUTB
VDD
VINB
_
VINB+
VSS
VIN+
VIN
_
NC
CS
VDD
VOUT
NC
VOUTA
VINA
_
VINA+
VDD
VSS
VOUTB
VINB
_
VINB+
VOUTC
VINC
_
VINC+
VOUTD
VIND
_
VIND+
PDIP, SOIC, MSOP
PDIP, SOIC, MSOP
MCP6285
PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
+ -
VINA
_
VINA+
VSS
VOUTA/VINB+
VOUTB
VDD
VINB
_
CS
-+
MCP6281
SOT-23-5
4
1
2
3
-
5 VDD
VIN–
VOUT
VSS
VIN+
MCP6281R
SOT-23-5
4
1
2
3
-
5 VSS
VIN–
VOUT
VDD
VIN+
MCP6283
SOT-23-6
4
1
2
3
-
6
5
VSS
VIN+
VOUT
CS
VDD
VIN
_
450 µA, 5 MHz Rail-to-Rail Op Amp


Similar Part No. - MCP6281

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/CH MICROCHIP-MCP6281-E/CH Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/MS MICROCHIP-MCP6281-E/MS Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/OT MICROCHIP-MCP6281-E/OT Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/P MICROCHIP-MCP6281-E/P Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
More results

Similar Description - MCP6281

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6231 MICROCHIP-MCP6231 Datasheet
336Kb / 20P
20 UA, 300 kHz Rail-to-Rail Op Amp
2004
MCP6241 MICROCHIP-MCP6241 Datasheet
333Kb / 20P
50 uA, 650 kHz Rail-to-Rail Op Amp
2004
MCP6244 MICROCHIP-MCP6244 Datasheet
471Kb / 28P
50 uA, 550 kHz Rail-to-Rail Op Amp
2005
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6292T-E MICROCHIP-MCP6292T-E Datasheet
570Kb / 36P
1.0 mA, 10 MHz Rail-to-Rail Op Amp
10/05/07
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com