Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ADC0803 Datasheet HTML 8Page - Renesas Technology Corp ADC0803 Datasheet HTML 9Page - Renesas Technology Corp ADC0803 Datasheet HTML 10Page - Renesas Technology Corp ADC0803 Datasheet HTML 11Page - Renesas Technology Corp ADC0803 Datasheet HTML 12Page - Renesas Technology Corp ADC0803 Datasheet HTML 13Page - Renesas Technology Corp ADC0803 Datasheet HTML 14Page - Renesas Technology Corp ADC0803 Datasheet HTML 15Page - Renesas Technology Corp ADC0803 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 12 of 17
August 2002
Finally, if time is short and capacitive loading is high, external
bus drivers must be used. These can be three-state buffers
(low power Schottky is recommended, such as the 74LS240
series) or special higher-drive-current products which are
designed as bus drivers. High-current bipolar bus drivers with
PNP inputs are recommended.
Power Supplies
Noise spikes on the V+ supply line can cause conversion
errors as the comparator will respond to this noise. A
low-inductance tantalum filter capacitor should be used close
to the converter V+ pin, and values of 1
F or greater are
recommended. If an unregulated voltage is available in the
system, a separate 5V voltage regulator for the converter (and
other analog circuitry) will greatly reduce digital noise on the
V+ supply. An lCL7663 can be used to regulate such a supply
from an input as low as 5.2V.
Wiring and Hook-Up Precautions
Standard digital wire-wrap sockets are not satisfactory for
breadboarding with this A/D converter. Sockets on PC boards
can be used. All logic signal wires and leads should be
grouped and kept as far away as possible from the analog
signal leads. Exposed leads to the analog inputs can cause
undesired digital noise and hum pickup; therefore, shielded
leads may be necessary in many applications.
A single-point analog ground should be used which is
separate from the logic ground points. The power supply
bypass capacitor and the self-clockIng capacitor (if used)
should both be returned to digital ground. Any VREF/2 bypass
capacitors, analog input filter capacitors, or input signal
shielding should be returned to the analog ground point. A
test for proper grounding is to measure the zero error of the
A/D converter. Zero errors in excess of 1/4 LSB can usually
be traced to improper board layout and wiring (see Zero Error
for measurement). Further information can be found in
Application Note AN018.
Testing the A/D Converter
There are many degrees of complexity associated with testing
an A/D converter. One of the simplest tests is to apply a known
analog input voltage to the converter and use LEDs to display
the resulting digital output code as shown in Figure 18.
For ease of testing, the VREF/2 (pin 9) should be supplied with
2.560V and a V+ supply voltage of 5.12V should be used. This
provides an LSB value of 20mV.
If a full scale adjustment is to be made, an analog input
voltage of 5.090V (5.120 - 11/2 LSB) should be applied to the
VIN(+) pin with the VIN(-) pin grounded. The value of the
VREF/2 input voltage should be adjusted until the digital
output code is just changing from 1111 1110 to 1111 1111.
This value of VREF/2 should then be used for all the tests.
The digital-output LED display can be decoded by dividing
the 8 bits into 2 hex characters, one with the 4 most-
significant bits (MS) and one with the 4 least-significant bits
(LS). The output is then interpreted as a sum of fractions
times the full scale voltage:
.
For example, for an output LED display of 1011 0110, the MS
character is hex B (decimal 11) and the LS character is hex
(and decimal) 6, so:
.
Figures 19 and 20 show more sophisticated test circuits.
VOUT
MS
16
---------
LS
256
----------
+

 5.12
V
=
START
VIN (+)
DGND
2.560V
AGND
10
F
150pF
N.O.
0.1
F
0.1
F
TANTALUM
5.120V
5V
1.3k
 LEDs
(8)
(8)
MSB
LSB
10k
VREF/2
+
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0803-
ADC0804
FIGURE 18. BASIC TESTER FOR THE A/D
VOUT
11
16
------
6
256
----------
+

 5.12

3.64V
==
ANALOG
INPUTS
“A”
R
“B”
R
R
R
“C”
100R
-
+
A2
8-BIT
A/D UNDER
TEST
10-BIT
DAC
VANALOG OUTPUT
100X ANALOG
-
+
A1
ERROR VOLTAGE
FIGURE 19. A/D TESTER WITH ANALOG ERROR OUTPUT. THIS
CIRCUIT CAN BE USED TO GENERATE “ERROR
PLOTS” OF FIGURE 11.
A/D UNDER
TEST
10-BIT
DAC
DIGITAL
VANALOG
INPUTS
DIGITAL
OUTPUTS
FIGURE 20. BASIC “DIGITAL” A/D TESTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com