Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ADC0803 Datasheet HTML 9Page - Renesas Technology Corp ADC0803 Datasheet HTML 10Page - Renesas Technology Corp ADC0803 Datasheet HTML 11Page - Renesas Technology Corp ADC0803 Datasheet HTML 12Page - Renesas Technology Corp ADC0803 Datasheet HTML 13Page - Renesas Technology Corp ADC0803 Datasheet HTML 14Page - Renesas Technology Corp ADC0803 Datasheet HTML 15Page - Renesas Technology Corp ADC0803 Datasheet HTML 16Page - Renesas Technology Corp ADC0803 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 13 of 17
August 2002
Typical Applications
Interfacing 8080/85 or Z-80 Microprocessors
This converter has been designed to directly interface with
8080/85 or Z-80 Microprocessors. The three-state output
capability of the A/D eliminates the need for a peripheral
interface device, although address decoding is still required to
generate the appropriate CS for the converter. The A/D can be
mapped into memory space (using standard memory-address
decoding for CS and the MEMR and MEMW strobes) or it can
be controlled as an I/O device by using the I/OR and I/OW
strobes and decoding the address bits A0
 A7 (or address
bits A8
 A15, since they will contain the same 8-bit address
information) to obtain the CS input. Using the I/O space
provides 256 additional addresses and may allow a simpler 8-
bit address decoder, but the data can only be input to the
accumulator. To make use of the additional memory reference
instructions, the A/D should be mapped into memory space.
See AN020 for more discussion of memory-mapped vs I/O-
mapped interfaces. An example of an A/D in I/O space is
shown in Figure 21.
The standard control-bus signals of the 8080 (CS, RD and
WR) can be directly wired to the digital control inputs of the
A/D, since the bus timing requirements, to allow both starting
the converter, and outputting the data onto the data bus, are
met. A bus driver should be used for larger microprocessor
systems where the data bus leaves the PC board and/or must
drive capacitive loads larger than 100pF.
It is useful to note that in systems where the A/D converter is 1
of 8 or fewer I/O-mapped devices, no address-decoding
circuitry is necessary. Each of the 8 address bits (A0 to A7)
can be directly used as CS inputs, one for each I/O device.
Interfacing the Z-80 and 8085
The Z-80 and 8085 control buses are slightly different from that
of the 8080. General RD and WR strobes are provided and
separate memory request, MREQ, and I/O request, IORQ,
signals have to be combined with the generalized strobes to
provide the appropriate signals. An advantage of operating the
A/D in I/O space with the Z-80 is that the CPU will
automatically insert one wait state (the RD and WR strobes are
extended one clock period) to allow more time for the I/O
devices to respond. Logic to map the A/D in I/O space is
shown in Figure 22. By using MREQ in place of IORQ, a
memory-mapped configuration results.
Additional I/O advantages exist as software DMA routines are
available and use can be made of the output data transfer which
exists on the upper 8 address lines (A8 to A15) during I/O input
instructions. For example, MUX channel selection for the A/D
can be accomplished with this operating mode.
The 8085 also provides a generalized RD and WR strobe, with an
IO/M line to distinguish I/O and memory requests. The circuit of
Figure 22 can again be used, with IO/M in place of IORQ for a
memory-mapped interface, and an extra inverter (or the logic
equivalent) to provide IO/M for an I/O-mapped connection.
Interfacing 6800 Microprocessor Derivatives (6502,
etc.)
The control bus for the 6800 microprocessor derivatives does not
use the RD and WR strobe signals. Instead it employs a single
R/W line and additional timing, if needed, can be derived from the
2 clock. All I/O devices are memory-mapped in the 6800 system,
and a special signal, VMA, indicates that the current address is
valid. Figure 23 shows an interface schematic where the A/D is
memory-mapped in the 6800 system. For simplicity, the CS
decoding is shown using 1/2 DM8092. Note that in many 6800
systems, an already decoded 4/5 line is brought out to the
common bus at pin 21. This can be tied directly to the CS pin of
the A/D, provided that no other devices are addressed at HEX
ADDR: 4XXX or 5XXX.
In Figure 24 the ADC080X series is interfaced to the MC6800
microprocessor through (the arbitrarily chosen) Port B of the
MC6820 or MC6821 Peripheral Interface Adapter (PlA). Here the
CS pin of the A/D is grounded since the PlA is already memory-
mapped in the MC6800 system and no CS decoding is
necessary. Also notice that the A/D output data lines are
connected to the microprocessor bus under program control
through the PlA and therefore the A/D RD pin can be grounded.
Application Notes
NOTE #
DESCRIPTION
AN016
“Selecting A/D Converters”
AN018
“Do’s and Don’ts of Applying A/D Converters”
AN020
“A Cookbook Approach to High Speed Data Acquisition
and Microprocessor Interfacing”
AN030
“The ICL7104 - A Binary Output A/D Converter for
Microprocessors”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com