Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ADC0803 Datasheet HTML 9Page - Renesas Technology Corp ADC0803 Datasheet HTML 10Page - Renesas Technology Corp ADC0803 Datasheet HTML 11Page - Renesas Technology Corp ADC0803 Datasheet HTML 12Page - Renesas Technology Corp ADC0803 Datasheet HTML 13Page - Renesas Technology Corp ADC0803 Datasheet HTML 14Page - Renesas Technology Corp ADC0803 Datasheet HTML 15Page - Renesas Technology Corp ADC0803 Datasheet HTML 16Page - Renesas Technology Corp ADC0803 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 14 of 17
August 2002
NOTE: Pin numbers for 8228 System Controller: Others are 8080A.
FIGURE 21. ADC080X TO 8080A CPU INTERFACE
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0803 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V
10
F
+
ANALOG
INPUTS
150pF
MSB
LSB
DB1 (16) (NOTE)
DB0 (13) (NOTE)
DB4 (5) (NOTE)
DB3 (9) (NOTE)
DB2 (11) (NOTE)
DB7 (7) (NOTE)
DB6 (20) (NOTE)
DB5 (18) (NOTE)
5V
AD15 (36)
AD14 (39)
AD13 (38)
AD12 (37)
AD11 (40)
AD10 (1)
8131
BUS
COMPARATOR
INT (14)
I/O RD (25) (NOTE)
I/O WR (27) (NOTE)
T5
T4
T3
T2
T1
T0
B5
B4
B3
B2
B1
B0
V+
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com