Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ADC0803
Description  8-Bit, Microprocessor-Compatible, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0803 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ADC0803 Datasheet HTML 9Page - Renesas Technology Corp ADC0803 Datasheet HTML 10Page - Renesas Technology Corp ADC0803 Datasheet HTML 11Page - Renesas Technology Corp ADC0803 Datasheet HTML 12Page - Renesas Technology Corp ADC0803 Datasheet HTML 13Page - Renesas Technology Corp ADC0803 Datasheet HTML 14Page - Renesas Technology Corp ADC0803 Datasheet HTML 15Page - Renesas Technology Corp ADC0803 Datasheet HTML 16Page - Renesas Technology Corp ADC0803 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ADC0803, ADC0804
FN3094 Rev 4.00
Page 15 of 17
August 2002
FIGURE 22. MAPPING THE A/D AS AN
I/O DEVICE FOR USE
WITH THE Z-80 CPU
FIGURE 23. ADC080X TO MC6800 CPU INTERFACE
FIGURE 24. ADC080X TO MC6820 PIA INTERFACE
WR
RD
IORQ
RD
WR
74C32
ADC0803-
ADC0804
3
2
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0803 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V (8)
10
F
+
ANALOG
INPUTS
150pF
MSB
LSB
D1 (32) [29]
D0 (33) [31]
D4 (29) [32]
D3 (30) [H]
D2 (31) [K]
D7 (26) [J]
D6 (27) [L]
D5 (28) [30]
A12 (22) [34]
A13 (23) [N]
A14 (24) [M]
A15 (25) [33]
VMA (5) [F]
IRQ (4)
† [D]††
R/W (34) [6]
1
2
3
4
5
6
1/2 DM8092
A B C
1 2 3
† Numbers in parentheses refer to MC6800 CPU Pinout.
†† Numbers or letters in brackets refer to standard MC6800 System Common Bus Code.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
ADC0803 - ADC0804
WR
RD
CS
INTR
CLK IN
VIN (-)
VIN (+)
DGND
VREF/2
AGND
DB1
DB0
DB4
DB3
DB2
DB7
DB6
DB5
CLK R
V+
10K
5V
ANALOG
INPUTS
150pF
MSB
LSB
11
10
14
13
12
17
16
15
PB1
PB0
PB4
PB3
PB2
PB7
PB6
PB5
MC6820
(MCS6520)
PIA
CB2
CB1
19
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com