Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CGS
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics CGS Datasheet HTML 4Page - Cornell Dubilier Electronics CGS Datasheet HTML 5Page - Cornell Dubilier Electronics CGS Datasheet HTML 6Page - Cornell Dubilier Electronics CGS Datasheet HTML 7Page - Cornell Dubilier Electronics CGS Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Ratings
Max
Typical Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz +85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
6.3 WVdc ( 8 Vdc Surge )
73,000 CGS733U6R3R2L
0.023
8.0
1.375
1.625
95,000 CGS953U6R3R3C 0.014
10.4
1.375
3.125
140,000 CGS144U6R3R4C 0.011
11.2
1.375
4.125
190,000 CGS194U6R3V3C 0.013
12.6
2.000
3.125
210,000 CGS214U6R3R5L
0.011
10.9
1.375
5.625
230,000 CGS234U6R3U4C 0.009
13.1
1.750
4.125
300,000 CGS304U6R3V4C 0.010
14.7
2.000
4.125
310,000 CGS314U6R3V5L
0.007
16.9
2.000
5.625
480,000 CGS484U6R3W4C 0.007
19.6
2.500
4.125
500,000 CGS504U6R3W5L 0.005
22.9
2.500
5.625
670,000 CGS674U6R3X4C 0.006
20.7
3.000
4.125
900,000 CGS904U6R3X5C 0.005
23.5
3.000
5.125
1,000,000 CGS105U6R3X5L
0.005
24.5
3.000
5.625
1,100,000 CGS115U6R3X5R 0.004
24.7
3.000
5.875
7.5 WVdc ( 9 Vdc Surge )
49,000 CGS493U7R5R2C 0.030
6.7
1.375
2.125
71,000 CGS713U7R5R2L
0.023
7.9
1.375
2.625
92,000 CGS923U7R5R3C 0.019
8.8
1.375
3.125
140,000 CGS144U7R5R4C 0.014
10.3
1.375
4.125
190,000 CGS194U7R5V3C 0.013
12.5
2.000
3.125
200,000 CGS204U7R5R5L
0.012
10.8
1.375
5.625
220,000 CGS224U7R5U4C 0.010
13.1
1.750
4.125
290,000 CGS294U7R5V4C 0.010
14.6
2.000
4.125
440,000 CGS444U7R5V5L
0.007
16.8
2.000
5.625
470,000 CGS474U7R5W4C 0.007
19.5
2.500
4.125
650,000 CGS654U7R5W5L 0.005
24.4
3.000
4.125
710,000 CGS714U7R5W5L 0.005
22.8
2.500
5.625
870,000 CGS874U7R5X5C 0.005
23.4
3.000
5.125
980,000 CGS984U7R5X5L
0.005
24.4
3.000
5.625
1,000,000 CGS105U7R5X5R 0.004
24.7
3.000
5.875
10 WVdc ( 12 Vdc Surge )
7,200 CGS722U010R2C
0.035
4.5
1.375
2.125
12,000 CGS123U010R2C
0.034
4.6
1.375
2.125
14,000 CGS143U010R2C
0.030
4.9
1.375
2.125
18,000 CGS183U010R2C
0.078
3.1
1.375
2.125
20,000 CGS203U010R2L
0.025
5.9
1.375
2.625
26,000 CGS263U010R3C
0.020
7.0
1.375
3.125
33,000 CGS333U010R3C
0.018
7.4
1.375
3.125
43,000 CGS433U010R2C
0.030
6.7
1.375
2.125
44,000 CGS443U010V2C
0.013
9.4
2.000
2.125
62,000 CGS623U010R2L
0.023
7.9
1.375
2.625
81,000 CGS813U010R3C
0.019
8.8
1.375
3.125
94,000 CGS943U010V4C
0.007
16.3
2.000
4.125
110,000 CGS114U010W3L
0.008
16.7
2.500
3.625
120,000 CGS124U010R4C
0.014
10.3
1.375
4.125
170,000 CGS174U010V3C
0.013
12.5
2.000
3.125
180,000 CGS184U010R5L
0.012
10.8
1.375
5.625
200,000 CGS204U010U4C
0.010
13.1
1.750
4.125
250,000 CGS254U010V4C
0.010
14.6
2.000
4.125
390,000 CGS394U010V5L
0.007
16.8
2.000
5.625
410,000 CGS414U010W4C 0.007
19.5
2.500
4.125
580,000 CGS584U010W5L
0.006
20.6
2.500
5.625
630,000 CGS634U010W5L
0.005
22.8
2.500
5.625
780,000 CGS784U010X5C
0.005
23.4
3.000
5.125
880,000 CGS884U010X5L
0.050
24.4
3.000
5.625
920,000 CGS924U010X5R
0.005
24.7
3.000
5.875
16 WVdc ( 20 Vdc Surge )
5,500 CGS552U016R2C
0.037
4.4
1.375
2.125
8,900 CGS892U016R2C
0.034
4.6
1.375
2.125
10,000 CGS103U016R2C
0.033
4.7
1.375
2.125
10,000 CGS103U016R3C
0.024
6.4
1.375
3.125
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
16 WVdc ( 20 Vdc Surge )
12,000 CGS123U016R2C
0.031
4.8
15,000 CGS153U016R2L
0.026
5.6
15,000 CGS153U016R4C
0.061
4.5
1.375
2.125
1.375
2.625
1.375
4.125
17,000 CGS173U016R3C
0.022
6.7
19,000 CGS193U016R3C
0.021
6.8
21,000 CGS213U016R3L
0.037
5.5
1.375
3.125
1.375
3.125
1.375
3.625
22,000 CGS233U016V3C
0.027
7.6
24,000 CGS243U016R3C
0.032
5.6
25,000 CGS253U016R4C
0.016
8.8
2.000
3.125
1.375
3.125
1.375
4.125
25,000 CGS253U016V2C
0.031
6.1
33,000 CGS333U016R4C
0.020
7.9
33,000 CGS333U016V2C
0.028
6.5
2.000
2.125
1.375
4.125
2.000
2.125
34,000 CGS343U016R4C
0.020
9.8
34,000 CGS343U016V4C
0.016
8.8
35,000 CGS353U016R2C
0.030
6.7
1.375
4.125
2.000
4.125
1.375
2.125
38,000 CGS383U016R3C
0.019
9.4
38,000 CGS383U016V3C
0.021
8.6
49,000 CGS493U016R2L
0.023
7.9
1.375
3.125
2.000
3.125
1.375
2.625
50,000 CGS503U016V3C
0.011
11.7
55,000 CGS553U016R3L
0.015
10.2
55,000 CGS553U016V3L
0.018
9.6
2.000
3.125
1.375
3.625
2.000
3.625
62,000 CGS623U016R3C
0.019
8.8
66,000 CGS663U016R4C
0.012
11.6
66,000 CGS663U016V4C
0.017
10.8
1.375
3.125
1.375
4.125
2.000
4.125
68,000 CGS683U016V3C
0.017
9.5
70,000 CGS703U016V4C
0.008
15.2
77,000 CGS773U016V4L
0.015
11.8
2.000
3.125
2.000
4.125
2.000
4.625
80,000 CGS803U016X4C
0.009
18.9
83,000 CGS833U016V5L
0.015
12.9
90,000 CGS903U016R4C
0.014
10.3
3.000
4.125
2.000
5.625
1.375
4.125
91,000 CGS913U016V4C
0.009
14.7
100,000 CGS104U016X5C
0.007
22.5
110,000 CGS114U016W4C
0.010
16
2.000
4.125
3.000
5.125
2.500
4.125
120,000 CGS124U016V4C
0.007
20.1
130,000 CGS134U016R5L
0.010
12.6
130,000 CGS134U016V3C
0.011
12.5
3.000
3.625
1.375
5.625
2.000
3.125
130,000 CGS134U016W4L
0.009
17.6
150,000 CGS154U016X5L
0.007
19.3
160,000 CGS164U016U4C
0.010
13.1
2.500
4.625
3.000
5.625
1.750
4.125
170,000 CGS174U016V4C
0.004
23.5
180,000 CGS184U016X4L
0.006
24.3
190,000 CGS194U016V4C
0.007
19.5
2.000
4.125
3.000
4.625
2.000
4.125
210,000 CGS214U016X5R
0.005
29.2
220,000 CGS224U016X4C
0.005
25.2
260,000 CGS264U016V5L
0.003
29.8
3.000
5.875
3.000
4.125
2.000
5.625
290,000 CGS294U016V5L
0.005
21.1
310,000 CGS314U016W4C
0.005
22.7
470,000 CGS474U016W5L
0.004
30.4
2.000
5.625
2.500
4.125
2.500
5.625
620,000 CGS624U016X5C
0.004
32.3
640,000 CGS644U016X5L
0.002
44.9
640,000 CGS644UFX5L3PD
0.002
30.0
3.000
5.125
3.000
5.625
3.000
5.625
700,000 CGS704U016X5L
0.003
35.0
740,000 CGS744U016X5R
0.003
35.8
980,000 CGS984U016X8L
0.007
23.8
3.000
5.625
3.000
5.875
3.000
8.625
20 WVdc ( 22 Vdc Surge )
250,000 CGS254U020X3L
0.006
29.0
500,000 CGS504U020X5L
0.004
37.0
1,000,000 CGS105UGX8L6PD
0.003
41.0
3.000
3.625
3.000
5.625
3.000
8.625
1,000,000 CGS105UGX8L6PH
0.003
41.0
1,000,000 CGS105U020X5R
0.003
40.0
1,500,000 CGS155U020X8L
0.003
41.0
3.000
8.625
3.000
5.875
3.000
8.625



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com