Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # CGS
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics CGS Datasheet HTML 4Page - Cornell Dubilier Electronics CGS Datasheet HTML 5Page - Cornell Dubilier Electronics CGS Datasheet HTML 6Page - Cornell Dubilier Electronics CGS Datasheet HTML 7Page - Cornell Dubilier Electronics CGS Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Max
Typical Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz +85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS (Inches) (Inches)
25 WVdc ( 30 Vdc Surge )
3,000 CGS302U025R2C
0.235
1.8
1.375
2.125
4,700 CGS472U025R2C
0.101
2.7
1.375
2.125
5,600 CGS562U025R3C
0.026
6.1
1.375
3.125
6,000 CGS602U025R2C
0.035
4.5
1.375
2.125
6,800 CGS682U025R2C
0.096
2.8
1.375
2.125
8,200 CGS822U025R4C
0.019
8.1
1.375
4.125
8,900 CGS892U025R3C
0.024
6.4
1.375
3.125
10,000 CGS103U025R3C
0.024
6.4
1.375
3.125
12,000 CGS123U025V3C
0.024
8.1
2.000
3.125
12,000 CGS123U025R3C
0.023
6.6
1.375
3.125
13,000 CGS133U025R4C
0.082
3.9
1.375
4.125
14,000 CGS143U025U3C
0.046
5.3
1.750
3.125
14,000 CGS143U025V2C
0.037
5.6
2.000
2.125
16,000 CGS163U025R4C
0.017
8.5
1.375
4.125
18,000 CGS183U025R4C
0.017
8.6
1.375
4.125
18,000 CGS183U025V4C
0.052
6.1
2.000
4.125
20,000 CGS203U025R3C
0.023
6.5
1.375
3.125
20,000 CGS203U025R5C
0.014
10.3
1.375
5.125
20,000 CGS203U025V3C
0.024
8.0
2.000
3.125
22,000 CGS223U025R2C
0.032
6.4
1.375
2.125
22,000 CGS223U025V2C
0.043
5.2
2.000
2.125
28,000 CGS283U025V3C
0.028
7.5
2.000
3.125
29,000 CGS293U025V4C
0.018
10.5
2.000
4.125
30,000 CGS303U025W3C
0.029
8.4
2.500
3.125
31,000 CGS313U025R2L
0.024
7.6
1.375
2.625
32,000 CGS323U025V4C
0.018
10.3
2.000
4.125
33,000 CGS333U025V3C
0.018
9.3
2.000
3.125
40,000 CGS403U025R3C
0.020
8.4
1.375
3.125
41,000 CGS413U025V4C
0.020
9.8
2.000
4.125
43,000 CGS433U025R4C
0.022
8.5
1.375
4.125
43,000 CGS433U025X4C
0.021
12.2
3.000
4.125
47,000 CGS473U025V4C
0.022
9.5
2.000
4.125
50,000 CGS503U025V5L
0.018
11.7
2.000
5.625
50,000 CGS503U025W3L
0.010
14.9
2.500
3.625
57,000 CGS573U025X5C
0.017
14.6
3.000
5.125
58,000 CGS583U025R4C
0.014
10.0
1.375
4.125
65,000 CGS653U025W4C
0.009
16.5
2.500
4.125
68,000 CGS683U025V4C
0.006
17.9
2.000
4.125
70,000 CGS703U025X4C
0.010
18.1
3.000
4.125
82,000 CGS823U025V3C
0.011
15.5
2.000
3.125
85,000 CGS853U025R5L
0.011
12.2
1.375
5.625
90,000 CGS903U025W5L
0.007
21.4
2.500
5.625
92,000 CGS923U025X5C
0.008
21.6
3.000
5.125
95,000 CGS953U025X4C
0.011
16.9
3.000
4.125
100,000 CGS104U025U4C
0.010
12.7
1.750
4.125
100,000 CGS104U025V5L
0.005
22.8
2.000
5.625
100,000 CGS104U025X3L
0.011
16.0
3.000
3.625
110,000 CGS114U025X5C
0.008
20.7
3.000
5.125
110,000 CGS114U025X5L
0.009
20.9
3.000
5.625
120,000 CGS124U025V4C
0.008
15.5
2.000
4.125
120,000 CGS124U025X4C
0.010
17.9
3.000
4.125
120,000 CGS124U050X5L
0.007
21.6
3.000
5.625
180,000 CGS184U025X4C
0.004
30.3
3.000
4.125
190,000 CGS194U025V5L
0.006
20.4
2.000
5.625
200,000 CGS204U025W4C
0.005
22.0
2.500
4.125
204,000 CGS2043U025X8L
0.006
29.9
3.000
8.625
270,000 CGS274U025X5L
0.003
36.6
3.000
5.625
270,000 CGS274UHX5L3PD 0.003
30.0
3.000
5.625
300,000 CGS304U025W5L
0.005
26.2
2.500
5.625
310,000 CGS314U025W5L
0.004
29.6
2.500
5.625
400,000 CGS404U025X5C
0.004
31.6
3.000
5.125
450,000 CGS454U025X5L
0.003
34.3
3.000
5.625
480,000 CGS484U025X5R
0.003
35.0
3.000
5.875
740,000 CGS744U025X8L
0.002
48.3
3.000
8.625
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
30 WVdc ( 40 Vdc Surge )
4,500 CGS452U030R2C 0.037
4.4
5,000 CGS502U030R2C 0.037
4.5
8,000 CGS802U030R3C 0.024
6.4
1.375
2.125
1.375
2.125
1.375
3.125
9,200 CGS922U030R3C 0.024
6.4
12,000 CGS123U030R4C 0.018
8.4
13,000 CGS133U030R4C 0.018
8.4
1.375
3.125
1.375
4.125
1.375
4.125
15,000 CGS153U030R4L
0.016
9.3
20,000 CGS203U030R5L
0.013
11.0
30,000 CGS303U030V4C 0.019
10.0
1.375
4.625
1.375
5.625
2.000
4.125
33,000 CGS333U030V4C 0.020
9.8
44,000 CGS443U030W3C 0.015
11.7
50,000 CGS503U030V5L
0.016
12.7
2.000
4.125
2.500
3.125
2.000
5.625
55,000 CGS553U030W4C 0.009
16.3
78,000 CGS783U030X4C 0.011
16.8
100,000 CGS104U030X5L
0.008
22.4
2.500
4.125
3.000
4.125
3.000
5.625
35 WVdc ( 45 Vdc Surge )
4,400 CGS442U035R2C 0.145
2.2
8,200 CGS822U035R3C 0.024
6.4
10,000 CGS103U035V2C 0.038
5.5
1.375
2.125
1.375
3.125
2.000
2.125
12,000 CGS123U035R4C 0.018
8.4
21,000 CGS213U035R3C 0.023
6.4
21,000 CGS213U035V3C 0.029
7.3
1.375
4.125
1.375
3.125
2.000
3.125
30,000 CGS303U035W3C 0.028
8.6
31,000 CGS313U035V4C 0.021
9.6
60,000 CGS603U035X5C 0.010
19.7
70,000 CGS703U035X4C 0.012
16.6
2.500
3.125
2.000
4.125
3.000
5.125
3.000
4.125
40 WVdc ( 50 Vdc Surge )
2,200 CGS222U040R2C 0.044
4.1
2,700 CGS272U040R2C 0.042
4.2
3,500 CGS352U040R2C 0.038
4.4
1.375
2.125
1.375
2.125
1.375
2.125
4,200 CGS422U040R3C 0.028
6.0
4,700 CGS472U040R2C 0.036
4.5
5,100 CGS512U040R3C 0.026
6.1
1.375
3.125
1.375
2.125
1.370
3.125
6,000 CGS602U040R3C 0.025
6.2
6,200 CGS622U040R4C 0.020
7.9
7,500 CGS752U040R4C 0.019
8.1
1.375
3.125
1.375
4.125
1.375
4.125
9,000 CGS902U040R4C 0.019
8.2
9,300 CGS932U040V3C 0.024
8.1
11,000 CGS113U040V3C
0.024
8.0
1.375
4.125
2.000
3.125
2.000
3.125
12,000 CGS123U040R4C 0.049
5.0
12,000 CGS123U040V2C 0.067
4.2
13,000 CGS133U040R2C 0.033
6.0
1.375
4.125
2.000
2.125
1.375
2.125
13,000 CGS133U040V4C 0.017
10.5
17,000 CGS173U040R3C 0.025
6.1
17,000 CGS173U040V3C 0.029
7.4
2.000
4.125
1.375
3.125
2.000
3.125
17,000 CGS173U040V4C 0.018
10.4
18,000 CGS183U040R2L
0.025
7.1
20,000 CGS203U040V5L
0.014
13.6
2.000
4.125
1.375
2.625
2.000
5.625
22,000 CGS223U040V3C 0.031
7.1
23,000 CGS233U040R3C 0.021
7.9
23,000 CGS233U040V4C 0.020
9.9
2.000
3.125
1.375
3.125
2.000
4.125
32,000 CGS323U040V4C 0.021
9.5
33,000 CGS333U040V4C 0.021
9.7
34,000 CGS343U040R4C 0.015
9.4
2.000
4.125
2.000
4.125
1.375
4.125
35,000 CGS353U040V5L
0.015
12.8
40,000 CGS403U040V3C 0.014
9.9
40,000 CGS403U040W4C 0.010
16.3
2.000
5.625
2.000
3.125
2.500
4.125
40,000 CGS403U040X4C 0.010
18.1
43,000 CGS433U040X5C 0.020
13.8
47,000 CGS473U040V3C 0.014
11.0
47,000 CGS473U040W4C 0.010
15.8
3.000
4.125
3.000
5.125
2.000
3.125
2.500
4.125



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com