Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # CGS
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics CGS Datasheet HTML 4Page - Cornell Dubilier Electronics CGS Datasheet HTML 5Page - Cornell Dubilier Electronics CGS Datasheet HTML 6Page - Cornell Dubilier Electronics CGS Datasheet HTML 7Page - Cornell Dubilier Electronics CGS Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
450 WVdc ( 525 Vdc Surge )
2,500 CGS252T450X3L
0.058
7.0
3,100 CGS312T450W5L
0.043
7.2
3,300 CGS332T450X5L
0.031
11.4
3.0
3.625
2.5
5.625
3.0
5.625
3,500 CGS352T450W5L
0.042
8.8
3,600 CGS362T450W5L
0.035
9.7
3,600 CGS362T450X4L
0.041
9.2
3.0
4.125
2.5
5.625
3.0
4.625
4,600 CGS462T450X5L
0.032
9.6
4,700 CGS472T450X5C
0.031
10.9
5,300 CGS532T450X5L
0.028
12.0
3.0
5.625
3.0
5.125
3.0
5.625
5,800 CGS582T450X5R
0.026
12.4
7,700 CGS772T450X8L
0.020
16.7
9,000 CGS902T450X8L
0.017
18.2
3.0
5.875
3.0
8.625
3.0
8.625
500 WVdc ( 550 Vdc Surge )
160 CGS161T500R2C
0.610
1.1
240 CGS241T500R2L
0.422
1.4
240 CGS241T500U2C
0.416
1.6
1.375
2.125
1.375
2.625
1.750
2.125
310 CGS311T500R3C
0.323
1.8
310 CGS311T500V2C
0.322
2.0
361 CGS361T500U2L
0.282
2.1
1.375
3.125
2.000
2.125
1.750
2.625
380 CGS381T500R3L
0.262
2.1
450 CGS451T500R4C
0.220
2.4
460 CGS461T500V2L
0.225
2.6
1.375
3.625
1.375
4.125
2.000
2.625
530 CGS531T500R4L
0.190
2.7
600 CGS601T500R5C
0.167
3.0
620 CGS621T500U3L
0.164
3.2
1.375
4.625
1.375
5.125
1.750
3.625
620 CGS621T500V3C
0.165
3.2
670 CGS671T500R5L
0.150
3.5
750 CGS751T500U4C
0.136
3.6
2.000
3.125
1.375
5.625
1.750
4.125
790 CGS791T500V3L
0.131
3.8
880 CGS881T500U4L
0.116
4.1
950 CGS951T500V4C
0.108
4.4
2.000
3.625
1.750
4.625
2.000
4.125
1000 CGS102T500U5C
0.101
4.6
1000 CGS102T500W3C
0.101
4.7
1100 CGS112T500U5L
0.089
5.1
1.750
5.125
2.500
3.125
1.750
5.625
1100 CGS112T500V4L
0.092
5.0
1300 CGS132T500V5C
0.081
5.6
1300 CGS132T500W3L
0.080
5.6
2.000
4.625
2.000
5.125
2.500
3.625
1500 CGS152T500V5L
0.072
6.1
1600 CGS162T500W4C
0.066
6.5
1800 CGS182T500W4L
0.057
7.3
2.000
5.625
2.500
4.125
2.500
4.625
1900 CGS192T500X3L
0.057
7.5
2100 CGS212T500W5C
0.049
8.2
2300 CGS232T500X4C
0.047
8.7
3.000
3.625
2.500
5.125
3.000
4.125
2400 CGS242T500W5L
0.044
9.0
2700 CGS272T500Y3L
0.041
9.8
2800 CGS282T500X4L
0.040
9.8
2.500
5.625
3.500
3.625
3.000
4.625
3200 CGS322T500X5C
0.035
20.3
3300 CGS332T500Y4C
0.034
11.2
3500 CGS352T500X5L
0.030
12.1
3.000
5.125
3.500
4.125
3.000
5.625
4400 CGS442T500Y5C
0.025
14.1
4800 CGS482T500Y5L
0.023
15.2
6000 CGS602T500X8L
0.018
18.7
8300 CGS832T500Y8L
0.014
23.1
3.500
5.125
3.500
5.625
3.000
8.625
3.500
8.625
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
400 WVdc ( 450 Vdc Surge )
1,700 CGS172T400V4C
0.060
5.7
2,600 CGS262T400V5L
0.040
7.8
2,800 CGS282T400W4C 0.042
7.8
2.0
4.125
2.0
5.625
2.5
4.125
4,200 CGS422T400W5L
0.035
9.6
4,300 CGS432T400W5L
0.028
10.8
5,700 CGS572T400X5C
0.026
11.9
3.0
4.125
2.5
5.625
3.0
5.125
6,400 CGS642T400X5L
0.024
13.0
7,000 CGS702T400X5R
0.022
13.5
11,000 CGS113T400X8L
0.015
19.8
3.0
5.625
3.0
5.875
3.0
8.265
450 WVdc ( 525 Vdc Surge )
75 CGS750T450R2C
0.835
0.9
100 CGS101T450R2C
0.737
1.0
140 CGS141T450R3C
0.496
1.4
1.375
2.125
1.375
2.125
1.375
3.125
170 CGS171T450R3C
0.456
1.5
210 CGS211T450R4C
0.332
1.9
240 CGS241T450R2C
0.416
1.3
1.375
3.125
1.375
4.125
1.375
2.125
250 CGS251T450R4C
0.308
2.0
320 CGS321T450V3C
0.253
2.5
350 CGS351T450R2L
0.288
1.7
1.375
4.125
2.000
3.125
1.375
2.625
350 CGS351T450R5C
0.226
3.2
400 CGS401T450R5L
0.198
2.9
450 CGS451T450V3C
0.188
2.9
1.375
5.125
1.375
5.625
2.000
3.125
460 CGS461T450R3C
0.221
2.1
480 CGS481T450V4C
0.171
3.4
620 CGS621T450V2L
0.201
2.6
1.375
3.125
2.000
4.125
2.000
2.625
650 CGS651T450V4C
0.154
3.7
680 CGS681T450R4C
0.151
2.9
800 CGS801T450V4L
0.108
4.4
2.000
4.125
1.375
4.125
2.000
4.625
930 CGS931T450V3C
0.116
3.7
970 CGS971T450V4C
0.096
4.5
1,000 CGS102T450R5L
0.103
4.0
2.000
3.125
2.000
4.125
1.375
5.625
1,000 CGS102T450V3L
0.100
4.1
1,000 CGS102T450W4C 0.082
5.5
1,100 CGS112T450U4C
0.094
4.1
2.000
3.625
2.500
4.125
1.750
4.125
1,100 CGS112T450X4C
0.076
6.5
1,400 CGS142T450V4C
0.076
5.0
1,400 CGS142T450V4L
0.069
5.5
3.000
4.125
2.000
4.125
2.000
4.625
1,400 CGS142T450V5L
0.059
6.5
1,400 CGS142T450W5C 0.060
7.1
1,500 CGS152T450X4C
0.059
7.4
2.000
5.625
2.500
5.125
3.000
4.125
1,500 CGS152T450X5C
0.057
8.1
1,700 CGS172T450W3L
0.063
6.0
1,800 CGS182T450V5L
0.054
5.4
3.000
5.125
2.500
3.625
2.000
5.625
1,800 CGS182T450X5R
0.048
9.3
1,900 CGS192T450X5L
0.052
7.6
2,000 CGS202T450X5C
0.045
9.1
3.000
5.875
3.000
5.625
3.000
5.125
2,200 CGS222T450V5L
0.051
6.9
2,200 CGS222T450X4C
0.045
8.4
2,300 CGS232T450W4C 0.052
7.0
2.000
5.625
3.000
4.125
2.500
4.125
2,400 CGS242T450W4C 0.048
7.2
2,400 CGS242T450W4L
0.055
7.1
2,400 CGS242T450X5L
0.038
10.3
2.500
4.125
2.500
4.625
3.000
5.625



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com