Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGS Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # CGS
Description  High-Cap Screw Terminal Aluminum Electrolytic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CGS Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  CGS Datasheet HTML 1Page - Cornell Dubilier Electronics CGS Datasheet HTML 2Page - Cornell Dubilier Electronics CGS Datasheet HTML 3Page - Cornell Dubilier Electronics CGS Datasheet HTML 4Page - Cornell Dubilier Electronics CGS Datasheet HTML 5Page - Cornell Dubilier Electronics CGS Datasheet HTML 6Page - Cornell Dubilier Electronics CGS Datasheet HTML 7Page - Cornell Dubilier Electronics CGS Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS High-Cap Screw Terminal Aluminum Electrolytic Capacitor
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches)(Inches)
150 WVdc (175 Vdc Surge )
950 CGS951U150R3C
0.087
3.4
1,100 CGS112U150R2C
0.102
3.2
1,100 CGS112U150R4C
0.064
4.4
1.375
3.125
1.375
2.125
1.375
4.125
1,600 CGS162U150R2L
0.071
3.8
2,100 CGS212U150R3C
0.074
4.3
2,400 CGS242U150V3C
0.117
3.7
1.375
2.625
1.375
3.125
2.000
3.125
3,100 CGS312U150R4C
0.038
5.8
3,300 CGS332U150V5C
0.032
8.4
3,500 CGS352U150V5L
0.031
11.4
1.375
4.125
2.000
5.125
2.000
5.625
4,400 CGS442U150V3C
0.032
7.0
4,700 CGS472U150R5L
0.026
7.9
4,800 CGS482U150W4L
0.030
9.5
2.000
3.125
1.375
5.625
2.500
4.625
5,300 CGS532U150U4C
0.023
8.3
5,700 CGS572U150X4C
0.037
9.3
6,200 CGS622U150W5L
0.025
11.4
1.750
4.125
3.000
4.125
2.500
5.625
6,700 CGS672U150U4C
0.022
9.4
7,700 CGS772U150X5C
0.029
11.3
8,700 CGS872U150X5R
0.027
12.5
2.000
4.125
3.000
5.125
3.000
5.875
10,000 CGS103U150V5L
0.015
12.7
10,000 CGS103U150X5C
0.034
10.4
11,000 CGS113U150W4C
0.017
12.1
2.000
5.625
3.000
5.125
2.500
4.125
12,000 CGS123U150V5L
0.014
16.5
12,000 CGS123U150X5L
0.013
17.8
17,000 CGS173U150W5L
0.020
12.7
2.000
5.625
3.000
5.625
2.500
5.625
22,000 CGS223U150X5C
0.015
15.6
25,000 CGS253U150X5L
0.012
18.4
26,000 CGS263U150X5R
0.011
19.1
43,000 CGS433U150X8L
0.014
19.9
3.000
5.125
3.000
5.625
3.000
5.875
3.000
8.625
200 WVdc (250 Vdc Surge )
590 CGS591T200R3C
0.151
2.6
800 CGS801T200R2C
0.102
2.7
1,000 CGS102T200R4C
0.113
3.2
1.375
3.125
1.375
2.125
1.375
4.125
1,000 CGS102T200V2C
0.097
3.6
1,200 CGS122T200R2L
0.071
3.5
1,400 CGS142T200V3C
0.081
4.4
2.000
2.125
1.375
2.625
2.000
3.125
1,500 CGS152T200R3C
0.054
4.3
1,600 CGS162T200V3C
0.074
4.6
2,000 CGS202T200V4C
0.057
5.8
1.375
3.125
2.000
3.125
2.000
4.12
2,200 CGS222T200R4C
0.038
5.8
2,200 CGS222T200V4C
0.054
6.0
2,700 CGS272T200V4C
0.048
6.4
1.375
4.125
2.000
4.125
2.000
4.125
3,100 CGS312T200V3C
0.032
7.0
3,300 CGS332T200R5L
0.026
7.9
3,300 CGS332T200W4C
0.060
6.5
2.000
3.125
1.375
5.625
2.500
4.125
3,400 CGS342T200W4C
0.076
5.8
3,600 CGS362T200V4C
0.042
6.7
4,000 CGS402T200U4C
0.023
8.3
2.500
4.125
2.000
4.125
1.750
4.125
4,000 CGS402T200V3C
0.062
5.0
4,000 CGS402T200W4C
0.055
6.8
4,600 CGS462T200X4C
0.047
8.2
2.000
3.125
2.500
4.125
3.000
4.125
4,700 CGS472T200V4C
0.021
9.4
4,800 CGS482T200V4C
0.042
6.8
5,000 CGS502T200W5C
0.036
9.2
2.000
5.625
2.000
4.125
2.500
5.125
5,200 CGS522T200V5L
0.021
11.0
5,400 CGS542T200X4L
0.021
12.6
5,500 CGS552T200X4C
0.027
10.9
2.000
5.625
3.000
4.625
3.000
4.125
6,200 CGS622T200X4C
0.039
9.0
7,200 CGS722T200V5L
0.019
11.5
7,400 CGS742T200X5L
0.018
15.0
3.000
4.125
2.000
5.625
3.000
5.625
7,700 CGS772T200X5L
0.018
15.0
7,800 CGS782T200W4C
0.017
12.1
9,400 CGS942T200X4C
0.021
12.1
12,000 CGS123T200W5L
0.013
16.0
3.000
5.625
2.500
4.125
3.000
4.125
2.500
5.625
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
(µF)
(Ω)
(A) RMS
Dia.
Length
(Inches) (Inches)
75 WVdc (95 Vdc Surge )
15,000 CGS153U075V5L
0.018
11.9
17,000 CGS173U075W4C 0.033
8.8
17,000 CGS173U075X4C 0.033
9.8
2.000
5.625
2.500
4.125
3.000
4.125
18,000 CGS183U075V3C 0.023
8.9
18,000 CGS183U075V4C 0.009
14.5
19,000 CGS193U075R5L
0.019
7.8
2.000
3.125
2.000
4.125
1.375
5.625
23,000 CGS233U075U4C 0.017
9.8
25,000 CGS253U075W5L 0.024
11.7
1.750
4.125
2.500
5.625
25,000 CGS253U075X4C 0.014
15.0
26,000 CGS263U075V4C 0.028
10.3
26,000 CGS263U075X5R 0.037
10.6
3.000
4.125
2.000
4.125
3.000
5.875
27,000 CGS273U075V4C 0.016
11.0
27,000 CGS273U075X3L
0.019
12.5
33,000 CGS333U075X4C 0.019
12.7
2.000
4.125
3.000
3.625
3.000
4.125
37,000 CGS373U075V5L
0.011
16.4
37,000 CGS373U075X5L
0.010
19.7
41,000 CGS413U075V5L
0.011
14.6
2.000
5.625
3.000
5.625
2.000
5.625
45,000 CGS453U075W4C 0.012
14.7
55,000 CGS553U075X8L
0.008
27.4
68,000 CGS683U075W5L 0.008
20.0
2.500
4.125
3.000
8.625
2.500
5.625
68,000 CGS683U075X5L
0.005
30.0
90,000 CGS903U075X5C 0.008
21.3
100,000 CGS104U075X5L
0.007
23.2
3.000
5.625
3.000
5.125
3.000
5.625
110,000 CGS114U075X5R
0.007
23.7
140,000 CGS144U075X8L
0.012
21.3
3.000
5.875
3.000
8.625
100 WVdc (125 Vdc Surge )
850 CGS851U100R2C 0.120
2.5
1,200 CGS122U100R3C 0.062
3.5
1,700 CGS172U100R3C 0.069
3.8
1.375
2.125
1.375
3.125
1.375
3.125
2,400 CGS242U100R4C 0.050
5.0
3,100 CGS312U100R2C 0.068
4.0
3,100 CGS312U100R5C 0.036
6.4
1.375
4.125
1.375
2.125
1.375
5.125
4,000 CGS402U100R4C 0.031
6.2
4,000 CGS402U100V4C 0.036
7.3
4,500 CGS452U100R2L
0.051
4.8
1.375
4.125
2.000
4.125
1.375
2.625
5,900 CGS592U100R3C 0.042
5.4
6,000 CGS602U100V4C 0.033
7.6
8,600 CGS862U100R4C 0.029
6.5
1.375
3.125
2.000
4.125
1.375
4.125
9,000 CGS902U100V5L
0.024
10.2
10,000 CGS103U100W4C 0.040
8.0
12,000 CGS123U100V3C 0.026
7.7
2.000
5.625
2.500
4.125
2.000
3.125
13,000 CGS133U100R5L
0.024
7.2
15,000 CGS153U100V4C 0.036
7.3
15,000 CGS153U100W5L 0.043
8.6
1.375
5.625
2.000
4.125
2.500
5.625
15,000 CGS153U100X4C 0.051
7.9
16,000 CGS163U100U4C 0.019
8.9
18,000 CGS183U100V4C 0.018
10.5
3.000
4.125
1.750
4.125
2.000
4.125
28,000 CGS283U100V5L
0.012
14.0
30,000 CGS303U100W4C 0.011
15.2
33,000 CGS333U100X8L
0.009
25.0
2.000
4.625
2.500
4.125
3.000
8.625
39,000 CGS393U100X5R
0.011
15.8
45,000 CGS453U100W5L 0.010
18.1
46,000 CGS463U100W5L 0.008
20.1
3.000
5.875
3.000
4.125
2.500
5.625
60,000 CGS603U100X5C 0.009
20.6
68,000 CGS683U100X5L
0.008
22.5
74,000 CGS743U100X5R 0.007
23.3
96,000 CGS963U100X8L
0.013
20.9
3.000
5.125
3.000
5.625
3.000
5.875
3.000
8.625
150 WVdc (175 Vdc Surge )
400 CGS401U150R2C 0.137
2.3
720 CGS721U150R3C 0.063
3.5
1.375
2.125
1.375
3.125



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com