Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1044 Datasheet HTML 1Page - Texas Instruments TUSB1044 Datasheet HTML 2Page - Texas Instruments TUSB1044 Datasheet HTML 3Page - Texas Instruments TUSB1044 Datasheet HTML 4Page - Texas Instruments TUSB1044 Datasheet HTML 5Page - Texas Instruments TUSB1044 Datasheet HTML 6Page - Texas Instruments TUSB1044 Datasheet HTML 7Page - Texas Instruments TUSB1044 Datasheet HTML 8Page - Texas Instruments TUSB1044 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
2
TUSB1044
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
Switching Characteristics ........................................ 10
6.7
Timing Requirements .............................................. 11
6.8
Typical Characteristics ............................................ 15
7
Detailed Description ............................................ 18
7.1
Overview ................................................................. 18
7.2
Functional Block Diagram ....................................... 19
7.3
Feature Description................................................. 20
7.4
Device Functional Modes........................................ 21
7.5
Programming .......................................................... 34
7.6
Register Maps ........................................................ 36
8
Application and Implementation ........................ 45
8.1
Application Information............................................ 45
8.2
Typical Application ................................................. 45
8.3
System Examples .................................................. 49
9
Power Supply Recommendations ...................... 56
10
Layout................................................................... 57
10.1
Layout Guidelines ................................................. 57
10.2
Layout Example .................................................... 58
11
Device and Documentation Support ................. 59
11.1
Documentation Support ....................................... 59
11.2
Receiving Notification of Documentation Updates 59
11.3
Community Resources.......................................... 59
11.4
Trademarks ........................................................... 59
11.5
Electrostatic Discharge Caution ............................ 59
11.6
Glossary ................................................................ 59
12
Mechanical, Packaging, and Orderable
Information ........................................................... 59
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (February 2018) to Revision B
Page
•
Changed the Simplified Schematic......................................................................................................................................... 1
Changes from Original (February 2018) to Revision A
Page
•
Changed text in the Detailed Design Procedure From: "This AC-coupling capacitor should be no more than 220 nF."
To: This AC-coupling capacitor should be no smaller than 297 nF. A value of 330 nF is recommended." ......................... 46
•
Changed 220 nF to 330 nF on DRX2P, DRX2N and DRX1P, DRX1N in Figure 36 ........................................................... 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com