Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 17Page - Texas Instruments TUSB1044 Datasheet HTML 18Page - Texas Instruments TUSB1044 Datasheet HTML 19Page - Texas Instruments TUSB1044 Datasheet HTML 20Page - Texas Instruments TUSB1044 Datasheet HTML 21Page - Texas Instruments TUSB1044 Datasheet HTML 22Page - Texas Instruments TUSB1044 Datasheet HTML 23Page - Texas Instruments TUSB1044 Datasheet HTML 24Page - Texas Instruments TUSB1044 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21
TUSB1044
www.ti.com
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Device Configuration in GPIO mode
The TUSB1044 is in GPIO configuration when I2C_EN = “0” or I2C_EN = "F". The TUSB1044 supports
operational combinations with USB and two different Type-C Alternate Modes. One combination includes USB
and Alternate Mode DisplayPort, and the other combination includes USB and custom Alternate Mode. For each
operational combination the data path directions can be further set using the DIR[1:0] pins or through I2C to
enable the device to operate in the source or sink sides. Please refer to Table 2 for all the configuration of all the
operational modes.
When the device is set to operate in a USB and Alternate Mode DisplayPort the following configurations can be
further set: USB3.1 only, 2 DisplayPort lanes + USB3.1, or 4 DisplayPort lanes (no USB3.1). The CTL1 pin
controls whether DisplayPort mode is enabled. The combination of CTL1 and CTL0 selects between USB3.1
only, 2 lanes of DisplayPort, or 4-lanes of DisplayPort as detailed in Table 2. The AUXP/N to SBU1/2 mapping is
controlled based on Table 3..
When the device is set to operate in a USB and custom Alternate Mode, the following configurations can be
further set: USB3.1 only, 2 Channels of custom Alternate Mode + USB3.1, or 4 Channels of custom Alternate
Mode (no USB3.1). The CTL1 pin controls whether custom Alternate Mode is enabled. The combination of CTL1
and CTL0 selects between USB3.1 only, 2 channels of custom Alternate Mode, or 4 channels of custom
Alternate Mode as detailed in Table 2. The AUXP/N to SBU1/2 mapping is controlled based on Table 3.
Further data path direction control can be achieved using the SWAP pin. When set high, the SWAP pin reverses
the data path direction on all the channels and swaps the equalization settings of the upstream and downstream
facing input ports. This pin may be found useful in active cable application with TUSB1044 installed on only one
end. The SWAP pin can be set based on which cable end is plugged to the source or sink side receptacle
After power-up (VCC from 0 V to 3.3 V), the TUSB1044 will default to USB3.1 mode. The USB PD controller,
upon detecting no device attached to Type-C port or USB3.1 operation not required by attached device, must
take TUSB1044 out of USB3.1 mode by transitioning the CTL0 pin from L to H and back to L.
Table 2. GPIO Configuration Control
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
TUSB1044 CONFIGURATION
VESA DisplayPort ALT
MODE
DFP_D Configuration
USB + DisplayPort Alternate Mode (Source Side)
L
L
L
L
L
Power Down
—
L
L
L
L
H
Power Down
—
L
L
L
H
L
One Port USB 3.1 - No Flip
—
L
L
L
H
H
One Port USB 3.1 – With Flip
—
L
L
H
L
L
4 Lane DP - No Flip
C and E
L
L
H
L
H
4 Lane DP – with Flip
C and E
L
L
H
H
L
One Port USB 3.1 + 2 Lane DP- No
Flip
D and F
L
L
H
H
H
One Port USB 3.1 + 2 Lane DP– with
Flip
D and F
USB + DisplayPort Alternate Mode (Sink Side)
L
H
L
L
L
Power Down
–
L
H
L
L
H
Power Down
–
L
H
L
H
L
One Port USB 3.1 - No Flip
–
L
H
L
H
H
One Port USB 3.1 – With Flip
–
L
H
H
L
L
4 Lane DP - No Flip
C and E
L
H
H
L
H
4 Lane DP – With Flip
C and E
L
H
H
H
L
One Port USB 3.1 + 2 Lane DP- No
Flip
D and F
L
H
H
H
H
One Port USB 3.1 + 2 Lane DP– With
Flip
D and F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com