Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments TUSB1044 Datasheet HTML 44Page - Texas Instruments TUSB1044 Datasheet HTML 45Page - Texas Instruments TUSB1044 Datasheet HTML 46Page - Texas Instruments TUSB1044 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43
TUSB1044
www.ti.com
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.10 DFP1_EQ Register (Offset = 21h) [reset = 0h]
DFP1_EQ is shown in Figure 32 and described in Table 21.
Return to Summary Table.
Figure 32. DFP1_EQ Register
7
6
5
4
3
2
1
0
DTX1EQ_SEL
DRX1EQ_SEL
R/W-0h
R/W-0h
Table 21. DFP1_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DTX1EQ_SEL
R/W
0h
Field selects EQ for DTX1P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
DEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
DTX1P/N pins based on value written to this field.
3-0
DRX1EQ_SEL
R/W
0h
Field selects EQ for DRX1P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
DEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
DRX1P/N pins based on value written to this field.
7.6.1.11 USB3_MISC Register (Offset = 22h) [reset = 4h]
USB3_MISC is shown in Figure 33 and described in Table 22.
Return to Summary Table.
Figure 33. USB3_MISC Register
7
6
5
4
3
2
1
0
CM_ACTIVE
LFPS_EQ
U2U3_LFPS_D
EBOUNCE
DISABLE_U2U
3_RXDET
DFP_RXDET_INTERVAL
USB_COMPLIANCE_CTRL
RH-0h
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
Table 22. USB3_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CM_ACTIVE
RH
0h
Compliance mode status.
0h = Not in USB3.1 compliance mode.
1h = In USB3.1 compliance mode.
6
LFPS_EQ
R/W
0h
Controls whether settings of EQ based on URX[2:1]EQ_SEL,
UTX[2:1]EQ_SEL, DRX[2:1]EQ_SEL, and DTX[2:1]EQ_SEL applies
to received LFPS signal.
0h = EQ set to zero when receiving LFPS
1h = EQ set by the related registers when receiving LFPS.
5
U2U3_LFPS_DEBOUNCE R/W
0h
Controls whether or not incoming LFPS is debounced or not.
0h = No debounce of LFPS before U2/U3 exit.
1h = 200us debounce of LFPS before U2/U3 exit.
4
DISABLE_U2U3_RXDET
R/W
0h
Controls whether or not Rx.Detect is performed in U2/U3 state.
0h = Rx.Detect in U2/U3 enabled.
1h = Rx.Detect in U2/U3 disabled.
3-2
DFP_RXDET_INTERVAL
R/W
1h
This field controls the Rx.Detect interval for the downstream facing
port (DTX1P/N and DTX2P/N).
0h = 8ms
1h = 12ms
2h = Reserved
3h = Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com