Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 35Page - Texas Instruments TUSB1044 Datasheet HTML 36Page - Texas Instruments TUSB1044 Datasheet HTML 37Page - Texas Instruments TUSB1044 Datasheet HTML 38Page - Texas Instruments TUSB1044 Datasheet HTML 39Page - Texas Instruments TUSB1044 Datasheet HTML 40Page - Texas Instruments TUSB1044 Datasheet HTML 41Page - Texas Instruments TUSB1044 Datasheet HTML 42Page - Texas Instruments TUSB1044 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
TUSB1044
www.ti.com
SLLSF47B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 14. General_3 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
DIR_SEL
R/W
0h
Sets the operation mode.
0h = USB + DP Alt Mode Source
1h = USB + DP Alt Mode Sink.
2h = USB + Custom Alt Mode Source
3h = USB + Custom Alt Mode Sink.
7.6.1.4 UFP2_EQ Register (Offset = 10h) [reset = 0h]
UFP2_EQ is shown in Figure 26 and described in Table 15.
Return to Summary Table.
Figure 26. UFP2_EQ Register
7
6
5
4
3
2
1
0
UTX2EQ_SEL
URX2EQ_SEL
R/W-0h
R/W-0h
Table 15. UFP2_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
UTX2EQ_SEL
R/W
0h
Field selects EQ for UTX2P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
UEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
UTX2P/N pins based on value written to this field.
3-0
URX2EQ_SEL
R/W
0h
Field selects EQ for URX2P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
UEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
URX2P/N pins based on value written to this field.
7.6.1.5 UFP1_EQ Register (Offset = 11h) [reset = 0h]
UFP1_EQ is shown in Figure 27 and described in Table 16.
Return to Summary Table.
Figure 27. UFP1_EQ Register
7
6
5
4
3
2
1
0
UTX1EQ_SEL
URX1EQ_SEL
R/W-0h
R/W-0h
Table 16. UFP1_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
UTX1EQ_SEL
R/W
0h
Field selects EQ for UTX1P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
UEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
UTX1P/N pins based on value written to this field.
3-0
URX1EQ_SEL
R/W
0h
Field selects EQ for URX1P/N pins. When EQ_OVERRIDE = 0b, this
field
reflects
the
sampled
state
of
UEQ[1:0]
pins.
When
EQ_OVERRIDE = 1b, software can change the EQ setting for
URX1P/N pins based on value written to this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com