Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASPOPRE Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MASPOPRE
Description  Reference specification of Ultrasonic Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MASPOPRE Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MASPOPRE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reference Only
P 3 / 6
MURATA MANUFACTURING Co., LTD.
Rev.N
8.
Caution
8-1 Limitation of Applications
Please do not use in the applications listed below which require a high reliability to prevent the
defects which might cause a damage to the Peoples’ life and/or property.
1)
Aircraft equipment
2)
Aerospace equipment
3)
Undersea equipment
4)
Power plant control equipment
5)
Medical equipment
6)
Transportation equipment (trains, ships, etc.)
7)
Traffic signal equipment
8)
Disaster prevention / crime prevention equipment
9)
Data-processing equipment
10)
Military equipment (regardless of directly/indirectly)
11)
Security device/system
12)
Outside-usage, in which the transducer is exposed to splashes or dusts
13)
Application of similar complexity and/or reliability requirement to the applications listed in
the above
8-2 Fail-safe
Please make sure to provide an appropriate fail-safe function on your product to prevent a second d
amage that may be caused by the abnormal function or the failure of our product.
9.
Caution in use
9-1 (Notice in design and usage)
1)
The transducer may generate surge voltage by mechanical or thermal shock.
2)
Please do not apply D.C. voltage for ultrasonic transducer to avoid migration.
3)
Please do not use this ultrasonic transducer in water.
4)
Please do not apply an excessive mechanical shock or force on the top of this ultrasonic
transducer and terminal pins. It may cause of disconnection and malfunction.
5)
Please do not use nor storage this ultrasonic transducer in heavy dust condition. It may be
a cause of clogging and low performance. Also, please do not use this transducer in high
humidity or high concentrated exhaust gas. It may be a cause of corrosion and
malfunction.
6)
Care should be taken when select the material to hold, or cover backside of transducer. If
it contains sulfur or sulfide, electrode on piezo-electric element may be corroded and
became malfunction.
7)
This transducer does not have a definition of terminal polarity. Please check a signal
before using if you need a signal phase control for your application.
9-2 (Notice in storage)
1)
The products should not be used or stored in a corrosive atmosphere, especially where
chloride gas, sulfide gas, acid, alkali, salt or the like are present. Store the products in the
room where is normal temperature and humidity, and avoid the sunlight, sudden changes
in temperature and humidity. It may cause of failure or malfunction in such conditions.
2)
Store the products where the temperature and relative humidity do not exceed -10 to 40
degC, and 30 to 80 %RH. Use the products within 6 months after receiving.
9-3 (Notice in mounting)
1)
Please do not apply excessive force to terminals, when soldering.
2)
Please use soldering temperature with not exceeds 350 degC, 3 seconds.
3)
Flow soldering is not applicable.
4)
Please do not clean by water and dissolving agent.
5)
This product cannot be used mounted on PCB. Soldering fillet at the bottom of case may
interfere with throughhole of PCB. Please contact products engineering section of Murata if
you will use this product mounted on PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com