Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASPOPRE Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # MASPOPRE
Description  Reference specification of Ultrasonic Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MASPOPRE Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  MASPOPRE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Reference Only
P 5 / 6
MURATA MANUFACTURING Co., LTD.
Rev.N
Measuring Circuit
Fig. 2: Murata standard measuring
Condition : U.S. and S.C.M must be aligned with the line of SP., and fixed distance: 30 cm when
measuring.
An input Sound Pressure Level is 94 dB at 40 kHz.
How to measure a temperature characteristic :
After inputting a product into the thermostatic chamber in 15 min. or more,
Measure the product according to the above method immediately
SP.
S.C.M.
30 cm
U.S.
Amp.
OSC.
Freq. Counter
Voltmeter
OSC.
:
Oscillator
(Brüel & Kjær 1013)
U.S.
:
Ultrasonic Sensor
S.C.M
:
Standard Condenser Microphone
(Brüel & Kjær 4135)
Amp.
:
Amplifier
(Brüel & Kjær 2610)
SP.
:
Tweeter
RL
:
3.9 k ohm
RL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com