Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASPOPRE Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MASPOPRE
Description  Reference specification of Ultrasonic Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MASPOPRE Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MASPOPRE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Reference Only
P 2 / 6
MURATA MANUFACTURING Co., LTD.
Rev.N
7.
Environmental tests (Standard Test Condition: 25 +/- 3 degC, 45 to 75 %R.H)
7.1 Shock Test
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with initial stage at 25 degC
after applied following test conditions
Acceleration
:
sine 980 m/s
2 (100 G), 6 ms
Direction
:
3 directions
Shock time
:
3 times / directions
7.2 Vibration Test
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with initial stage at 25 degC
after applied following test conditions
Vibration frequency
:
10 to 55 Hz
Sweep Period
:
1 min.
Amplitude
:
1.5 mm
Directions
:
3 directions
Time
:
2 hours / direction
7.3 Resistance to Soldering Heat
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with Initial stage at 25 degC in
1hour after touching soldering iron (Iron temperature : 350 degC), 3 seconds with the terminal.
(Touching point must be 2mm or more away from the transducer body.)
7.4 High Temperature Test
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with initial stage at 25 degC in
24 hours after applied following test conditions
Temperature
:
+85 +/-2 degC
Time
:
100 hours
7.5 Low Temperature Test
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with initial stage at 25 degC in
24 hours after applied following test conditions
Temperature
:
-40 +/- 2 degC
Time
:
100 hours
7.6 Humidity Test
The variation of the sensitivity at 40 kHz is within +/-3 dB compared with initial stage at 25 degC in
24 hours after following test conditions
Temperature
:
+60 +/-2 degC
Humidity
:
90 to 95 %R.H.
Time
:
100 hours
7.7 Pull Strength
There should be no substantial damage until 9.8 N pulling force.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com