Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASPOPRE Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MASPOPRE
Description  Reference specification of Ultrasonic Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MASPOPRE Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MASPOPRE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MASPOPRE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Reference Only
P 1 / 6
MURATA MANUFACTURING Co., LTD.
Rev.N
Reference specification of Ultrasonic Transducer
Type: MA40S4R
1.
Scope
This product specification is applied to the Receiver of Ultrasonic Transducer
(Open Type Structure).
2.
Customer Part Number
3.
Murata Part Number
MA40S4R
4.
Structure
Dimension
: As per Fig.1
5.
Absolute Maximum Ratings
Items
Specification
Note
5-1 Operating temperature range
-40 to +85 degC
-
5-2 Storage temperature range
-40 to +85 degC
-
6.
Specifications (* Temperature 25 ± 3°C, 45 to 75 % R.H, unless otherwise noted)
Items
Specification
Note
6-1 Operating Frequency
40.0 kHz
For reference
6-2 Sensitivity
-63 dB +/- 3 dB
at 40 kHz / 0 dB = 10 V/Pa
(per measuring circuit Fig.2)
6-3 Capacitance
2,550 pF +/- 20 %
at 1 kHz
6-4 Insulation Resistance
More than 100 Mohm
at 50 V D.C.
6-5 Temperature Characteristics
Within +/- 3dB against initial
value at 25 degC
-40 to +85 degC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com