Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-00LDP1-R Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-00LDP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-00LDP1-R Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PKGS-00LDP1-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Reference only
P.4 /15
MURATA MANUFACTURING CO., LTD
7. Physical Characteristics
Test Item
Condition of Test
Performance Requirements
7-1
Mechanical
Shock
The transducer shall be measured after being
applied
three
impacts
in
plus
and
minus
directions
of
three
mutually
perpendicular
planes.
The shock is specified as 14700m/s
2(1500G)
half sine pulse of 0.5 ms duration.
No visible damage and the
measured values shall meet
Table 2
7-2
Vibration
The transducer shall be measured after being
applied vibration of amplitude of 1.5 mm with 10
to 55 Hz band of vibration frequency to each of 3
perpendicular directions for 2 hours.
( 5 minutes
× 24 cycles )
7-3
Bend Strength
PCB
The transducer is soldered onto the center of
PCB (1.6 mm thickness) which is laid on the 2
small supporters spaced 90 mm.
PCB is deflected to 1 mm below from horizontal
level by the pressing force with 20
× 10. R10
stick. The force is supplied for 1 second, 5 times
repeatably.
No visible damage and the
measured values shall meet
Table 3
7-4
Resistance to
Reflow
Soldering
The transducer shall be mounted on PCB, then
measured after being applied following reflow
conditions.
<Test flow>
Pre-heating :
60 to 150 sec. at 150 to 180
°C
Heating :
Within 60 sec. at 200
°C (or more)
Within 30 sec. at 250
°C (or more)
Peak Temperature:
Within 10 sec. at 260
°C
Shock sensor should be tested 2 times of this
test flow.
PCB size
: 115
× 80 × 0.8 mm
After being placed at ambient conditions for 8
hours, the transducer shall be measured.
No visible damage and the
measured values shall meet
Table 2
7-5
Solderability
End terminals are immersed in rosin for
5 seconds then immersed in soldering bath of
+230
±5°C for 3±0.5 seconds.
75% min. end terminals shall
be wet with solder.
7-6
Washability
See Table 1
No visible damage and the
measured values shall meet
Table 2
Part
Stick
PCB
45
45
10
20
R10
φ 5 Supporter
±1 Off-Center
Unit: mm
Load
Deflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com