Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-00LDP1-R Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-00LDP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-00LDP1-R Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button PKGS-00LDP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 15Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Reference only
P.14 /15
MURATA MANUFACTURING CO., LTD
5) Please do not apply excessive strain force or shock to this product that deviates from the
conditions in this specification, because mechanical failure or damage could occur.
6) Please thoroughly evaluate this product in your manufacturing if you will use any conformal coating
or potting process. These processes (for instance, in case resin type of material is used) could
result in package breaks, due to heat shrink. Also, humidity that remains inside of the case, may
affect circuit operation due to decreased insulation resistance value.
7) Physical and environmental characteristics for this product are described in this specification.
Please consider these characteristics in evaluating this part in your product.
8) Please carefully design the application’s housing to minimize dew and humidity. An amplifier circuit
would have high impedance, 50M ohm for instance, but this value may decrease under a high
humid environment. Due to this; you may not be able to see the intended performance from your
circuit design, unless you consider theses factors in your product design.
9) Please do not use this product in the presence of radiation rays or cosmic rays.
10) Please do not use this product in the presence of high electromagnetic fields.
11) Please consider the possibility of unexpected output signal-level generated by sharp temperature
change. Please evaluate this product under all expected environmental conditions.
We
recommend a fail-safe function to compensate for any unexpected signal levels.
12) Pyroelectric noise may be seen on the output signal of this product, where there is a temperature
variation (delta-t) around the product. Delta-t may likely occur by airflow that is generated by a
cooling fan that is often used in a computer. If your application requires a very small acceleration
resolution, less than 0.1G with 50Hz or less for instance, we would suggest shutting off the airflow
for increased accuracy in sensor detection.
13) This product is very sensitive to bending stress occurring on PCB, therefore please locate the
sensor in an area on the PCB that is unaffected by bending stresses.
16.
Caution (Mounting)
16-1. Reflow soldering
1) Please use the standard footprint as shown in the specification. If you use a different one, we shall
not be liable for any claims.
2) Please follow soldering conditions described in the specification. This product can permanently
stop operating if the piezoelectric characteristic is decreased due to excessive heating.
3) Please follow the recommended washing conditions, as described in the specification.
4) Please make sure to evaluate the soldering condition with this product mounted on your PCB.
<Reflow temperature profile (reference only)>
16-2. Soldering Iron
Use iron (3mm diameter or less, 45W max.) and iron temp should be 300
°C max.
within 3 sec. at only one point. Please take care to avoid soldering iron from touching the
product directly.
Peak Temp.
245
°C max.
Gradual cooling
in air
Pre-heating
in air
60 to 120 sec.
Within 30 sec.
100
150
180
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com