Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-00LDP1-R Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-00LDP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-00LDP1-R Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PKGS-00LDP1-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Reference only
P.3 /15
MURATA MANUFACTURING CO., LTD
Figure 1.
Axis D : This axis is an acceleration applied direction, when electric charge sensitivity is checked.
5. Standard land pattern
6. Absolute Rating
Apply voltage between electrode A and B
: 10 Vp-p within 60 sec. max.
Storage temperature range
: -40 to 85
°C
Operating temperature range
: -40 to 85
°C
Electrode B
Electrode A
Polarity marking
Z
Y
X
0
±1°
D
Land pattern
Unit : mm
2.0
3.4
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com