Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-00LDP1-R Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-00LDP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-00LDP1-R Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PKGS-00LDP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKGS-00LDP1-R Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Reference only
P.6 /15
MURATA MANUFACTURING CO., LTD
8. Environmental Characteristics
Test Item
Condition of Test
Performance Requirements
8-1
High
Temperature
After being placed in a thermal chamber with at
+85
±2°C for 1000 hours and then being placed at
ambient conditions for 8 hours, the transducer shall be
measured.
The measured values shall
meet Table 2
8-2
Low
Temperature
After being placed in a thermal chamber with at
-40
±2°C for 1000 hours and then being placed at
ambient conditions for 8 hours, the transducer shall be
measured.
The measured values shall
meet Table 2
8-3
Humidity
After being placed in a humidity chamber with
90 to 95
% R.H. at +60±2°C for 500 hours
and the being placed at ambient conditions for
8 hours, the transducer shall be measured.
The measured values shall
meet Table 2
8-4
Heat Shock
After being kept at room temperature, the transducer
shall be placed in a thermal chamber at temperature of
-40
°C.
After 30 minutes at this temperature, the transducer
shall
be
immediately
placed
in
a
chamber
at
temperature of
+85°C.
After 30 minutes at this temperature, the transducer
shall be returned to -40
°C again.
After 10 of the above cycles, the transducer shall be
returned to ambient conditions where it shall remain for
8 hours prior to being measured.
The measured values shall
meet Table 2
Table 2
Electric Charge Sensitivity
±10% ( from initial value )
Table 3
Capacitance
±10% ( from initial value )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com