Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-25SXAP1-R Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-25SXAP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-25SXAP1-R Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PKGS-25SXAP1-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Reference only
P.5/15
MURATA MANUFACTURING CO., LTD
Table 1. Wash
Cleaning
Solvent
Item
Alcohol
(Iso-propanol)
Water
(Tap water,
Demineralized
water)
Cleaning Water
Solution
(Cleanthrough
750H, Pine alpha
100S )
Silicon
(Techno care FRW)
Temperature
Difference:dT *1
[dT
= Component
- solvent]
dT
<100°C
Condition
(1)
Ultrasonic
Wash
1 minute max. in above solvent at 60
°C max.
( Frequency : 28 kHz, Output : 20 W/L )
(2)
Immersion
Wash
5 minutes max. in above solvent at 60
°C max.
(3)
Shower or
Rinse Wash
5 minutes max. in above solvent at 60
°C max.
(4)
Drying
1 to 5 minutes. by air blow at 80
°C max.
*1 ex. In case the component at 90
°C immerses into cleaning solvent at 60°C,
then dT = 30
°C.
Note(Wash)
1. Please insure the component is thoroughly evaluated in your application circuit.
2. The component may be damaged if it is washed with alkali cleaning solvent.
3. Flux should be washed out before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com