Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-25SXAP1-R Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-25SXAP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-25SXAP1-R Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button PKGS-25SXAP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Reference only
P.8/15
MURATA MANUFACTURING CO., LTD
10. Appearance criteria
10-1. Crack, Chip and Partial lack of electrode
• If crack or chip exist at corners, apply the above B-part standard.
• In case crack or chip reaches internal cavity, it is judged as failure even if length [b], [d] and width
[a], [c] are met this specification.
• If there are two or more chips on B part, total length of [d] should be < 1.2mm
Criteria table for A part
Unit [mm]
0 < b < 0.4
0.4 < b
0 < a < 1.2
G
G
1.2 < a
G
NG
Criteria table for B part
Unit [mm]
0 < d < 0.4
0.4 < d < 1.2
1.2 < d
0 < c < 0.4
G
G
G
0.4 < c < 1.2
G
G
NG
1.2 < c
G
NG
NG
A-part
(Along with long edge)
b
B-part (*1)
(Along with short edge)
c
d
a
Electrode
Electrode for
Polarity marking
Corner
(*1) Any chips which is covered by electrode are judged as good.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com