Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-25SXAP1-R Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-25SXAP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-25SXAP1-R Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PKGS-25SXAP1-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Reference only
P.2/15
MURATA MANUFACTURING CO., LTD
SPECIFICATION for TRANSDUCER
Part Number : PKGS-25SXAP1-R
1. Scope
This product specification is applied to surface mountable acceleration sensors used for hard
disk drive in a personal computer. Please contact us when using this product for any other
applications than described in the above.
2. Part Number
2-1 Murata Part Number
: PKGS-25SXAP1-R
2-2 Customer Part Number
:
2-3 Customer Drawing Number :
3. Dimensions
3-1 Appearance
: As per paragraph 10.Appearance criteria.
3-2 Dimensions
: See Figure 2.
3-3 Construction
: A piezo ceramic element is stuck between two ceramic substrates.
4. Characteristics
(* Temperature 25
±3°C, unless otherwise noted.)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Note
4-1 Charge Sensitivity
1kHz, 98.1m/s
2(10G) applied in
the direction of D axis at Fig.1
−15%
35.7
(0.350)
+15%
fC/(m/s
2)
(pC/G)
1, 2,
4
4-2 Insulation Resistance : Ri 10V DC, after 1 min.
100
10000
M
Ω
4-3 Non-Linearity
% of the Full-Scale output at
490m/s
2(50G). Range :
±50G
1%
5%
4-4 Resonance Frequency
21
27
kHz
3
4-5 Inclined Angle of
Sensitivity Axis
22
25
28
Degree
4-6 Temperature Drift
of Charge Sensitivity
Maximum deviation
from initial value at +25
°C.
70
°C
-3%
+2%
+7%
0
°C −4%
−1%
+2%
4-7 Capacitance : Co
1Vrms, 1kHz
−30%
740
+30%
pF
Note:
1. As measured with an applied acceleration in the direction of D at figure 1. In this case, positive
voltage and electrical charge are generated at electrode B.
2. 1G = 9.80665m/s
2
3. Resonance frequency of inner bimorph element.
4. f = 10
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com