Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-25SXAP1-R Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-25SXAP1-R
Description  SHOCK SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-25SXAP1-R Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button PKGS-25SXAP1-R Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 15Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Reference only
P.12/15
MURATA MANUFACTURING CO., LTD
11. Taping Method
11-1 The tape for transducer shall be would clockwise. The feeding holes shall be to the right side
as the tape is pulled toward the user.
11-2 A reel shall contain 3,000 pcs of transducers of the same rank and its reel label shall be
clearly marked with part number, quantity, inspection number and charge sensitivity rank.
Figure.3 Dimension of Plastic Tape
Figure.4 Dimension of Plastic Reel
12.5 –0.0
+1.0
19.5 Max
φ13 ±0.5
2 –0.2
+0.5
110 to 190
Trailer
160 Min.
400 to 560
Cover Tape
Leader
Unit : mm
100 Min. weld
4.0
±0.1
2.0
±0.1
φ 1.5 -0.0
+0.1
4.0
±0.1
2.4
±0.1
φ 1.5 -0.0
+0.3
(3
° )
196 to 686mN (20 to 70gf)
300mm/min.
Cover Tape
10
°
Direction of Feed
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com