Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 32Page - Renesas Technology Corp 80C286 Datasheet HTML 33Page - Renesas Technology Corp 80C286 Datasheet HTML 34Page - Renesas Technology Corp 80C286 Datasheet HTML 35Page - Renesas Technology Corp 80C286 Datasheet HTML 36Page - Renesas Technology Corp 80C286 Datasheet HTML 37Page - Renesas Technology Corp 80C286 Datasheet HTML 38Page - Renesas Technology Corp 80C286 Datasheet HTML 39Page - Renesas Technology Corp 80C286 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 36 of 65
January 28, 2008
Local Bus Usage Priorities
The 80C286 local bus is shared among several internal units
and external HOLD requests. In case of simultaneous
requests, their relative priorities are:
Halt or Shutdown Cycles
The 80C286 externally indicates halt or shutdown conditions
as a bus operation. These conditions occur due to a HLT
instruction or multiple protection exceptions while attempting to
execute one instruction. A halt or shutdown bus operation is
signalled when S1, S0 and COD/lNTA are LOW and M/IO is
HIGH. A1 HIGH indicates halt, and A1 LOW indicates shut-
down. The 82C288 bus controller does not issue ALE, nor is
READY required to terminate a halt or shutdown bus opera-
tion.
During halt or shutdown, the 80C286 may service PEREQ or
HOLD requests. A processor extension segment overrun
during shutdown will inhibit further service of PEREQ. Either
NMl or RESET will force the 80C286 out of either halt or shut-
down. An INTR, if interrupts are enabled, or a processor exten-
sion segment overrun exception will also force the 80C286 out
of halt.
System Configurations
The versatile bus structure of the 80C286 micro-system, with a
full complement of support chips, allows flexible configuration
of a wide range of systems. The basic configuration, shown in
Figure 30, is similar to an 80C86 maximum mode system. It
includes the CPU plus an 82C59A interrupt controller, 82C284
clock generator, and the 82C288 Bus Controller. The 80C86
latches (82C82 and 82C83H) and transceivers (82C86H and
82C87H) may be used in an 80C286 microsystem.
As indicated by the dashed lines in Figure 30, the ability to add
processor extensions is an integral feature of 80C286 based
microsystems. The processor extension interface allows exter-
nal hardware to perform special functions and transfer data
concurrent with CPU execution of other instructions. Full sys-
tem integrity is maintained because the 80C286 supervises all
data transfers and instruction execution for the processor
extension.
An 80C286 system which includes the 80287 numeric processor
extension (NPX) uses this interface. The 80C286/80287 system
has all the instructions and data types of an 80C86 or 80C88
with 8087 numeric processor extension. The 80287 NPX can
perform numeric calculations and data transfers concurrently
with CPU program execution. Numerics code and data have the
same integrity as all other information protected by the 80C286
protection mechanism.
The 80C286 can overlap chip select decoding and address
propagation during the data transfer for the previous bus oper-
ation. This information is latched into the 82C82/83H's by ALE
during the middle of a TS cycle. The latched chip select and
address information remains stable during the bus operation
while the next cycle's address is being decoded and propa-
gated into the system. Decode logic can be implemented with
a high speed PROM or PAL.
The optional decode logic shown in Figure 30 takes advantage
of the overlap between address and data of the 80C286 bus
cycle to generate advanced memory and I/O select signals.
This minimizes system performance degradation caused by
address propagation and decode delays. In addition to select-
ing memory and I/O, the advanced selects may be used with
configurations supporting local and system buses to enable the
appropriate bus interface for each bus cycle. The COD/lNTA
and M/IO signals are applied to the decode logic to distinguish
between interrupt, I/O, code, and data bus cycles.
By adding the 82289 bus arbiter chip the 80C286 provides a
Multibus system bus interface as shown in Figure 31. The ALE
output of the 82C288 for the Multibus bus is connected to its
CMDLY input to delay the start of commands one system CLK
as required to meet Multibus address and write data setup
times. This arrangement will add at least one extra TC state to
each bus operation which uses the Multibus.
A second 82C288 bus controller and additional latches and
transceivers could be added to the local bus of Figure 31. This
configuration allows the 80C286 to support an on-board bus
for local memory and peripherals, and the Multibus for system
bus interfacing.
(Highest) Any transfers which assert LOCK either explic-
itly (via the LOCK instruction prefix) or implic-
itly (i.e. some segment descriptor accesses, an
interrupt acknowledge sequence, or an XCHG
with memory).
The second of the two byte bus operations
required for an odd aligned word operand.
The second or third cycle of a processor exten-
sion data transfer.
Local bus request via HOLD input.
Processor extension data operand transfer via
PEREQ input.
Data transfer performed by EU as part of an
instruction.
(Lowest) An instruction prefetch request from BU. The
EU will inhibit prefetching two processor clocks
in advance of any data transfers to minimize
waiting by the EU for a prefetch to finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com