Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 9Page - Renesas Technology Corp 80C286 Datasheet HTML 10Page - Renesas Technology Corp 80C286 Datasheet HTML 11Page - Renesas Technology Corp 80C286 Datasheet HTML 12Page - Renesas Technology Corp 80C286 Datasheet HTML 13Page - Renesas Technology Corp 80C286 Datasheet HTML 14Page - Renesas Technology Corp 80C286 Datasheet HTML 15Page - Renesas Technology Corp 80C286 Datasheet HTML 16Page - Renesas Technology Corp 80C286 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 13 of 65
January 28, 2008
I/O Space
The I/O space consists of 64K 8-bit ports, 32K 16-bit ports, or a
combination of the two. I/O instructions address the I/O space
with either an 8-bit port address, specified in the instruction, or a
16-bit port address in the DX register. 8-bit port addresses are
zero extended such that A15-A8 are LOW. I/O port addresses
00F8(H) through 00FF(H) are reserved.
Interrupts
An interrupt transfers execution to a new program location.
The old program address (CS:lP) and machine state (Flags)
are saved on the stack to allow resumption of the interrupted
program. Interrupts fall into three classes: hardware initiated,
INT instructions, and instruction exceptions. Hardware initiated
interrupts occur in response to an external input and are classi-
fied as non-maskable or maskable. Programs may cause an
interrupt with an INT instruction. Instruction exceptions occur
when an unusual condition which prevents further instruction
processing is detected while attempting to execute an instruc-
tion. The return address from an exception will always point to
the instruction causing the exception and include any leading
instruction prefixes.
A table containing up to 256 pointers defines the proper inter-
rupt service routine for each interrupt. Interrupts 0-31, some of
which are used for instruction exceptions, are reserved. For
each interrupt, an 8-bit vector must be supplied to the 80C286
which identifies the appropriate table entry. Exceptions supply
the interrupt vector internally. INT instructions contain or imply
the vector and allow access to all 256 interrupts. Maskable
hardware initiated interrupts supply the 8-bit vector to the CPU
during an interrupt acknowledge bus sequence. Nonmaskable
hardware interrupts use a predefined internally supplied vec-
tor.
Maskable Interrupt (INTR)
The 80C286 provides a maskable hardware interrupt request
pin, INTR. Software enables this input by setting the interrupt
flag bit (IF) in the flag word. All 224 user-defined interrupt
sources can share this input, yet they can retain separate inter-
rupt handlers. An 8-bit vector read by the CPU during the inter-
rupt acknowledge sequence (discussed in System Interface
section) identifies the source of the interrupt.
The processor automatically disables further maskable inter-
rupts internally by resetting the IF as part of the response to an
interrupt or exception. The saved flag word will reflect the
enable status of the processor prior to the interrupt. Until the
flag word is restored to the flag register, the interrupt flag will
be zero unless specifically set. The interrupt return instruction
includes restoring the flag word, thereby restoring the original
status of IF.
Non-Maskable Interrupt Request (NMI)
A non-maskable interrupt input (NMI) is also provided. NMI has
higher priority than INTR. A typical use of NMI would be to acti-
vate a power failure routine. The activation of this input causes
an interrupt with an internally supplied vector value of 2. No
external interrupt acknowledge sequence is performed.
While executing the NMI servicing procedure, the 80C286 will
service neither further NMI requests, INTR requests, nor the
processor extension segment overrun interrupt until an inter-
rupt return (lRET) instruction is executed or the CPU is reset. If
NMI occurs while currently servicing an NMI, its presence will
be saved for servicing after executing the first IRET instruction.
IF is cleared at the beginning of an NMI interrupt to inhibit INTR
interrupts.
TABLE 4. INTERRUPT VECTOR ASSIGNMENTS
FUNCTION
INTERRUPT
NUMBER
RELATED
INSTRUCTIONS
DOES RETURN ADDRESS
POINT TO INSTRUCTION
CAUSING EXCEPTION?
Divide Error Exception
0
DlV, lDlV
Yes
Single Step Interrupt
1
All
NMI Interrupt
2
INT 2 or NMI Pin
Breakpoint Interrupt
3
INT 3
INTO Detected Overflow Exception
4
INTO
No
BOUND Range Exceeded Exception
s
BOUND
Yes
Invalid Opcode Exception
6
Any Undefined Opcode
Yes
Processor Extension Not Available Exception
7
ESC or WAIT
Yes
Reserved - Do Not Use
8 - 15
Processor Extension Error Interrupt
16
ESC or WAIT
Reserved
17 - 31
User Defined
32 - 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com