Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 53Page - Renesas Technology Corp 80C286 Datasheet HTML 54Page - Renesas Technology Corp 80C286 Datasheet HTML 55Page - Renesas Technology Corp 80C286 Datasheet HTML 56Page - Renesas Technology Corp 80C286 Datasheet HTML 57Page - Renesas Technology Corp 80C286 Datasheet HTML 58Page - Renesas Technology Corp 80C286 Datasheet HTML 59Page - Renesas Technology Corp 80C286 Datasheet HTML 60Page - Renesas Technology Corp 80C286 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 57 of 65
January 28, 2008
Immediate Data and Regis-
ter/Memory
1111011w mod
000
r/m
data
data if w =
1
3, 6
(Note 59)
3, 6
(Note 59)
29
Immediate Data and Accu-
mulator
1010100w data
data if w =
1
33
OR = Or
Reg/Memory and Register
to
Either
000010dw mod
reg
r/m
2, 7
(Note 59)
2, 7
(Note 59)
29
Immediate
to
Regis-
ter/Memory
1000000w mod
001
r/m
data
data if w =
1
3, 7
(Note 59)
3, 7
(Note 59)
29
Immediate to Accumulator 0000110w data
data if w =
1
33
XOR = Exclusive or
Reg/Memory and Register
to
Either
001100dw mod
reg
r/m
2, 7
(Note 59)
2, 7
(Note 59)
29
Immediate
to
Regis-
ter/Memory
1000000w mod
reg
r/m
data
data if w =
1
3, 7
(Note 59)
3, 7
(Note 59)
29
Immediate to Accumulator 0011010w data
data if w =
1
33
NOT
=
Invert
Regis-
ter/Memory
1111011w mod
010
r/m
2, 7
(Note 59)
2, 7
(Note 59)
29
STRING MANIPULATION
MOVS = Move Byte/Word
1010010w
5
5
2
9
CMPS
=
Compare
Byte/Word
1010011w
8
8
2
9
SCAS = Scan Byte/Word
1010111w
7
7
2
9
LODS = Load Byte/Word to
AL/AX
1010110w
5
5
2
9
STOS = Store Byte/Word
from AL/A
1010101w
3
3
2
9
INS = Input Byte/Word from
DX Port
0110110w
5
5
2
9, 14
OUTS = Output Byte/Word
to
DX Port
0110111w
5
5
2
9, 14
80C286 Instruction Set Summary (Continued)
FUNCTION
FORMAT
CLOCK COUNT
COMMENTS
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com