Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C286 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 80C286
Description  High Performance Microprocessor with Memory Management and Protection
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80C286 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 80C286 Datasheet HTML 57Page - Renesas Technology Corp 80C286 Datasheet HTML 58Page - Renesas Technology Corp 80C286 Datasheet HTML 59Page - Renesas Technology Corp 80C286 Datasheet HTML 60Page - Renesas Technology Corp 80C286 Datasheet HTML 61Page - Renesas Technology Corp 80C286 Datasheet HTML 62Page - Renesas Technology Corp 80C286 Datasheet HTML 63Page - Renesas Technology Corp 80C286 Datasheet HTML 64Page - Renesas Technology Corp 80C286 Datasheet HTML 65Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
80C286
FN2947 Rev.3.00
Page 61 of 65
January 28, 2008
JNO = Jump on Not Over-
flow
01110001 disp
7 + m or
3
7 + m or 3
18
JNS = Jump on Not Sign
01111001 disp
7 + m or
3
7 + m or 3
18
LOOP Loop CX Times
11100010 disp
8 + m or
4
8 + m or 4
18
LOOPZ/LOOPE
=
Loop
While Zero/Equal
11100001 disp
8 + m or
4
8 + m or 4
18
LOOPNZ/LOOPNE = Loop
While Not Zero/Equal
11100000 disp
8 + m or
4
8 + m or 4
18
JCXZ = Jump on CX Zero
11100011 disp
8 + m or
4
8 + m or 4
18
ENTER = Enter Procedure 11001000 data-low
data-high L
2, 8
8, 9
L = 0
11
11
2, 8
8, 9
L = 1
15
15
2, 8
8, 9
L > 1
16 + 4(L -
1)
16 + 4(L - 1) 2, 8
8, 9
LEAVE = Leave Procedure 11001001
5
5
INT = Interrupt
Type Specified
11001101 type
23 + m
2, 7, 8
Type 3
11001100
23 + m
2, 7, 8
lNTO = Interrupt on Over-
flow
11001110
24 + m or
3
(3 if no
interrupt)
(3 if no
interrupt)
2, 6, 8
Protected Mode Only
Via Interrupt or Trap
Gate to Same Privilege
Level
40 + m
7, 8, 11, 12,
18
Via Interrupt or Trap
Gate to Fit Different
Pnvilege Level
78 + m
7, 8, 11, 12,
18
Via Task Gate
167 + m
7, 8, 11, 12,
18
IRET Interrupt Return
11001111
17 + m
31 + m
2, 4
8, 9, 11,
12, 15, 18
80C286 Instruction Set Summary (Continued)
FUNCTION
FORMAT
CLOCK COUNT
COMMENTS
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE
REAL
ADDRES
S
MODE
PRO-
TECTED
VIRTUAL
ADDRESS
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com