Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4093CS Datasheet HTML 1Page - Renesas Technology Corp EL4093CS Datasheet HTML 2Page - Renesas Technology Corp EL4093CS Datasheet HTML 3Page - Renesas Technology Corp EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 3 of 12
January 1996
Typical Application
Closed-Loop AC Electrical Specifications
Power supplies at ±5V, TA = 25°C, RF = RG = 750, RL = 150, CL = 5pF, CIN-
(parasitic) = 1.8pF
Video Amplifier Section
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW, -3dB
-3dB Small-Signal Bandwidth
300
MHz
BW, ±0.1dB
0.1dB Flatness Bandwidth
50
MHz
Peaking
Frequency Response Peaking
0
dB
SR
Slew rate, VOUT between -2V and +2V
1500
V/µs
dG
Differential Gain Error, Voffset between -714mV and +714mV
0.04
%
d
Differential Phase Error, Voffset between -714mV and +714mV
0.02
°
Closed-Loop AC Electrical Specifications
Power supplies at ±5V, TA = 25°C, RF = RG = 750, RL = 150, CL = 5pF,
CHOLD =2.2nF
Sample and Hold Section
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
ISTEP
Change in Sample to Hold Output Current Due to Hold Step
0.1
µA
TSH
Sample to Hold Delay Time
15
ns
THS
Hold to Sample Delay Time
40
ns
TAC
Settling Time to 1% (DC Restored Amplifier Output) Video Amplifier Input
from 0 to 1V
2.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com