Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp EL4093CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 8 of 12
January 1996
Figure 1 shows how the two are connected to provide this
function; the S/H compares the output of the CFA to a DC
reference, and any difference between them causes an output
current from the S/H. This “autozero” current is fed to the CFA
inverting input, the effect of which is to move the CFA output
towards the reference voltage. This autozero mechanism
settles when the CFA output is one VOS away from the
reference (the VOS here refers to the S/H offset voltage).
The autozero mechanism is typically active for only a short
period of each video line. Figure 2 shows a NTSC video signal
along with the EL4581 back porch output. The back porch
signal is used to drive the HOLD input of the EL4093, and we
see that the EL4093 is in sample mode for only 3.5µs of each
line. It is during this time that the autozero mechanism
attempts to drive the CFA output towards the reference
voltage, at the same time putting a correction voltage onto the
hold capacitor CHOLD. During the rest of the line (60µs) the
EL4093 is in hold mode, but DC correction is maintained by the
voltage on CHOLD.
Power Supply Bypassing and Printed Circuit Board
Layout
As with any high frequency device, good printed circuit board
layout is necessary for optimum performance. Ground plane
construction is highly recommended. Lead lengths should be
as short as possible. The power supply pins must be well
bypassed to reduce the risk of oscillation. In the EL4093 there
are two sets of supply pins: V+1/V-1 provide power for the
CFA, and V+2/V-2 are for the S/H amplifier. Good performance
can be achieved using only one set of bypass capacitors,
although they must be close to the V+1/V-1 pins since that is
where the high frequency currents flow. The combination of a
4.7µF tantalum capacitor in parallel with a 0.01µF capacitor
has been shown to work well. Chip capacitors are
recommended for the 0.01µF bypass to minimize lead
inductance.
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the CFA inverting input.
Ground plane construction should be used, but it should be
removed from the area near the inverting input to minimize any
stray capacitance at that node. Chip resistors are
recommended for RF and RG, and use of sockets should be
avoided if possible. Sockets add parasitic inductance and
capacitance which will result in some additional peaking and
overshoot.
If the CFA is configured for non-inverting gain, then one should
also pay attention to the trace leading to the +input. The
inductance of a long trace (> 3’) can form a resonant network
with the amplifier input, resulting in high frequency oscillations
around 700MHz. In such cases a 50
–100 series resistor
placed close to the +input would isolate this inductance and
damp out the resonance.
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage or current feedback
amplifier can be affected by stray capacitance at the inverting
input. For inverting gains this parasitic capacitance has little
effect because the inverting input is a virtual ground, but for
non-inverting gains this capacitance (in conjunction with the
feedback and gain resistors) creates a pole in the feedback
path of the amplifier. This pole, if low enough in frequency, has
the same destabilizing effect as a zero in the forward open-
loop response. Hence it is important to minimize the stray
capacitance at this node by removing the nearby ground plane.
In addition, since the S/H output connects to this node, it is
important to minimize the trace capacitance. Good practice
here would be to connect the two pins with a short trace
directly underneath the chip.
Feedback Resistor Values
The EL4093 has been optimized for a gain of +2 with
RF =750. This value of feedback resistor gives a 3dB
bandwidth of 300MHz at a gain of +2 driving a 150
 load.
Since the amplifier inside the EL4093 uses current mode
feedback, it is possible to change the value of RF to adjust the
bandwidth. Shown in the table below are optimum feedback
resistor values for different closed loop gains.
FIGURE 1.
FIGURE 2.
GAIN
OPTIMUM RF
BW (MHz)
PEAKING (dB)
+1
910
314
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com