Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 3Page - Renesas Technology Corp EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 7 of 12
January 1996
Typical Performance Curves (Continued)
Applications Information
Product Description
The EL4093 is a high speed DC-restore system containing a
current feedback amplifier (CFA) and a sample & hold (S/H)
amplifier. The CFA offers a wide 3dB bandwidth of 300MHz
and a slew rate of 1500V/µs, making it ideal for high speed
video applications such as SVGA. The CFA’s excellent
differential gain and phase at 3.58MHz also makes it suitable
for NTSC applications. Drawing only 9.5mA on ±5V supplies,
the EL4093 serves as an excellent choice for those
applications requiring both low power and high bandwidth.
The connection between the CFA and sample & hold (the
Autozero interface) has been greatly simplified. The output of
the sample & hold is a high impedance current source,
allowing direct connection to the CFA inverting input for
autozero purposes. In addition, special circuitry within the
sample & hold provides a charge current of 8.5mA in sample
mode, resulting in a sample hold current ratio (ratio of charging
current to droop current) of approx. 1,000,000.
Theory of Operation
In video applications, DC restoration moves the backporch or
black level to a fixed DC reference. The EL4093 uses a CFA in
feedback with a sample & hold to provide DC restoration.
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Slew Rate vs Die
Temperature (Video Amp)
Small-Signal Step Response
Large-Signal Step Response
Settling Time vs
Settling Accuracy
(Video Amp)
Maximum Power Dissipation
vs Ambient Temperature,
16-Pin PDIP Package
Maximum Power Dissipation
vs Ambient Temperature,
16-Pin SO Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com