Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4093CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4093CS Datasheet HTML 1Page - Renesas Technology Corp EL4093CS Datasheet HTML 2Page - Renesas Technology Corp EL4093CS Datasheet HTML 3Page - Renesas Technology Corp EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN7159 Rev 0.00
Page 1 of 12
January 1996
FN7159
Rev 0.00
January 1996
EL4093
300MHz DC-Restored Video Amplifier
DATASHEET
The EL4093 is a complete DC-restored video amplifier
subsystem, featuring low power consumption and high slew
rate. It contains a current feedback amplifier and a sample
and hold amplifier designed to stabilize video performance.
When the HOLD logic input is low, the sample and hold may
be used as a general purpose op amp to null the DC offset of
the video amplifier. When the HOLD input goes high the
sample and hold stores the correction voltage on the hold
capacitor to maintain DC correction during the subsequent
video scan line.
The sample and hold amplifier contains a current output
stage that greatly simplifies its connection to the video
amplifier. Its high output impedance also helps to preserve
video linearity at low supply voltages. For ease of
interfacing, the HOLD input is TTL-compatible. This device
has an operational temperature of -40°C to +85°C and is
packaged in plastic 16-pin DIP and 16-pin SOIC.
Pinout
Features
• High accuracy DC restoration for video
• Low supply current of 9.5mA typ.
• 300MHz bandwidth
• 1500V/µs slew rate
• 0.04% differential gain and 0.02° differential phase into
150
 for NTSC
• 1.5mV max. restored DC offset
• Sample and hold amplifier with fast enable and low
leakage
• TTL-compatible HOLD logic input
Applications
• Input amplifier in video equipment
• Restoration amplifier in video mixers
Demo Board
A demo PCB is available for this product. Request “EL4093
Demo Board.”
EL4093
(16-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL4093CN
-40°C to +85°C
16-Pin PDIP
MDP0031
EL4093CS
-40°C to +85°C
16-Pin SOIC
MDP0027
OBSOLETE PRODUCT
NO RECOMMENDED RE
PLACEMENT
contact our Technical S
upport Center at
1-888-INTERSIL or www
.intersil.com/tsc


Similar Part No. - EL4093CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4093CS ELANTEC-EL4093CS Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4093CS INTERSIL-EL4093CS Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
More results

Similar Description - EL4093CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
DC Restored Video Amplifier
July 1998
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
100MHz DC-Restored Video Amplifier
August 1995
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com