Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 9Page - Renesas Technology Corp ISL97635 Datasheet HTML 10Page - Renesas Technology Corp ISL97635 Datasheet HTML 11Page - Renesas Technology Corp ISL97635 Datasheet HTML 12Page - Renesas Technology Corp ISL97635 Datasheet HTML 13Page - Renesas Technology Corp ISL97635 Datasheet HTML 14Page - Renesas Technology Corp ISL97635 Datasheet HTML 15Page - Renesas Technology Corp ISL97635 Datasheet HTML 16Page - Renesas Technology Corp ISL97635 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 13 of 28
Sep 26, 2017
PWM Dimming Frequency Adjustment
(Applicable to SMBus controlled PWM, DPST,
and DC-to-PWM Modes)
Except for the external PWM dimming mode where the frequency
follows the external signals, the dimming frequencies of the
other modes are set by an external capacitor CFPWM at the FPWM
pin, as shown in Equation 12:
where FPWM is the desirable PWM dimming frequency.
For example, if FPWM = 200Hz, CFPWM = 5.4µF/200 = 27nF
The PWM dimming frequency can be for example 20kHz but
there are a minimum on and off time requirements such that the
dimming will be in the range of 10% to 99.5%. If the dimming
frequency is below 5kHz, the dimming range can be 1% to
99.5%.
In the DPST and DC-to-PWM modes, a CPWMO capacitor is also
needed. An internal 40kΩ and an external CPWMO at the PWMO
pin form a low pass network to filter the PWMI to an averaged
DC. As a result, the time constant of the 40kΩ and CPWMO should
be significantly larger than the external PWMI period, t, such that
Equation 13 will show:
For example, if FPWM is 200Hz and an external PWMI is 1kHz and
above, a 220nF CPWMO can be chosen that allows the external
PWMI signal to be filtered as an averaged DC. Also, the FPWM
frequency in the DPST mode should be limited between 100Hz to
2kHz and at least five times smaller than the external PWMI
frequency when DPST mode is used.
Switching Frequency
An internal clock of 1.2MHz is used for the boost regulator
control of the LX pin in default. There are 2 levels of switching
frequencies: 600kHz or 1.2MHz. Each can be programmed in the
Configuration Register 0x08 bit 2. The default switching
frequency is at 1.2MHz.
5V Low Dropout Regulator
A 5.2V LDO regulator is present at the VDC pin to develop the
necessary low voltage supply, which is used by the chips internal
control circuitry. Because VDC is an LDO pin, it requires a bypass
capacitor of 1µF or more for the regulation. For applications with
an input voltage
5.5V, VIN and VDC pins can be connected
together. Low input voltage also allows only lower output voltage
applications only with the maximum boost ratio defined in
“Components Selections” on page 24. The VDC pin can be used as
a coarse reference with a few mA sourcing capability.
In-rush Control and Soft-start
The ISL97635 has separately built-in independent inrush control
and soft-start functions. The inrush control function is built
around the short-circuit protection FET, and is only available in
applications, which include this device. At start-up, the fault
protection FET is turned on slowly due to a 30µA pull-down
current output from the FAULT pin. This discharges the fault FET's
gate-source capacitance, turning on the FET in a controlled
fashion. As this happens, the output capacitor is charged slowly
through the weakly turned on FET before it becomes fully
enhanced. This results in a low in-rush current. This current can
be further reduced by adding a capacitor (in the 1nF to 5nF
range) across the gate-source terminals of the FET.
Once the chip detects that the fault protection FET is turned on
hard, it is assumed that in-rush has completed. At this point, the
boost regulator will begin to switch and the current in the
inductor will ramp-up. The current in the boost power switch is
monitored and the switching is terminated in any cycle where the
current exceeds the current limit. The ISL97635 includes a soft-
start feature where this current limit starts at a low value
(375mA). This is stepped up to the final 3A current limit in 7
further steps of 375mA. These steps will happen over a 1ms total
time, such that after 1ms, the final limit will be reached. This
allows the output capacitor to be charged to the required value at
a low current limit and prevents high input current for systems
that have only a low to medium output current requirement.
For systems with no master fault protection FET, the inrush
current will flow towards COUT when VIN is applied and it is
determined by the ramp rate of VIN and the values of COUT and L.
Fault Protection and Monitoring
The ISL97635 features extensive protection functions to cover all
the perceivable failure conditions. The failure mode of a LED can
be either open circuit or as a short. The behavior of an open
circuited LED can additionally take the form of either infinite
resistance or, for some LEDs, a zener diode, which is integrated
into the device in parallel with the now opened LED.
For basic LEDs (which do not have built-in zener diodes), an open
circuit failure of an LED will only result in the loss of one channel
of LEDs without affecting other channels. Similarly, a short-circuit
condition on a channel that results in that channel being turned
off does not affect other channels unless a similar fault is
occurring. All LED faults are reported via the SMBus interface to
Register 0x02 (Fault/Status register). The controller is able to
determine which channels have failed via Register 0x09 (Output
Masking register). The controller can also choose to use Register
0x09 to disable faulty channels at start-up, resulting in only
further faulty channels being reported by Register 0x02.
Due to the lag in boost response to any load change at its output,
certain transient events (such as LED current steps or significant
step changes in LED duty cycle) can transiently look like LED
fault modes. The ISL97635 uses feedback from the LEDs to
determine when it is in a stable operating region and prevents
apparent faults during these transient events from allowing any
of the LED stacks to fault out. Refer to Table 1 on page 15 for
more details.
A fault condition that results in an input current that exceeds the
devices electrical limits will result in a shutdown of all output
channels. The control device logic will remain functional such
that the Fault/Status Register can be interrogated by the system.
The root cause of the failure will be loaded to the volatile
Fault/Status Register so that the host processor can interrogate
the data for failure monitoring.
CFPWM
5.4
FFPWM
=
(EQ. 12)
40k
 x C
PWMO>t
(EQ. 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com