Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL97635 Datasheet HTML 19Page - Renesas Technology Corp ISL97635 Datasheet HTML 20Page - Renesas Technology Corp ISL97635 Datasheet HTML 21Page - Renesas Technology Corp ISL97635 Datasheet HTML 22Page - Renesas Technology Corp ISL97635 Datasheet HTML 23Page - Renesas Technology Corp ISL97635 Datasheet HTML 24Page - Renesas Technology Corp ISL97635 Datasheet HTML 25Page - Renesas Technology Corp ISL97635 Datasheet HTML 26Page - Renesas Technology Corp ISL97635 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 23 of 28
Sep 26, 2017
DC Brightness Control Register (0x07)
The DC Brightness Control Register 0x07 allows users to have
additional dimming flexibility by:
1. Effectively achieving 16 bits of dimming control when DC
dimming is combined with PWM dimming or,
2. Achieving visual or audio noise free 8-bit DC dimming over
potentially noisy PWM dimming.
The bit assignment is shown in Figure 28. All of the bits in this
Register can be read or write. Steps 0 to 255 represent the linear
steps of current adjustment in DC on the fly. It can also be
considered as the peak current factory calibration feature to
account for various LED production batch variations, but external
EEPROM settings storing and restoring are required.
• An SMBus Write Byte cycle to Register 0x07 sets the
brightness level in DC only.
• An SMBus Read Byte cycle to Register 0x07 returns the current
DC brightness level.
• Default value for Register 0x07 is 0xFF.
Configuration Register (0x08)
The Configuration Register allows users to set 2 levels of channel
Short-Circuit thresholds or disable it. It also allows users to set
the boost conversion switching frequency between 1.2MHz and
600kHz.
The bit assignment is shown in Figure 29. The default value for
Register 0x08 is 0xFF
Output Channel Mask/Fault Readout
Register (0x09)
This register can be read or write; the bit position corresponds to
the channel. For example, Bit 0 corresponds to Ch0 and bit 6
corresponds to Ch6 and so on. Writing data to this register, it
enables the channels of interest. When reading data from this
register, any disabled channel and any faulted out channel will
read as 0. This allows the user to determine which channel is
faulty and optionally not enabling it in order to allow the rest of
the system to continue to function. Additionally, a faulted out
channel can be disabled and re-enabled in order to allow a retry
for any faulty channel without having to power-down the other
channels.
The bit assignment is shown in Figure 30. The default for
Register 0x09 is 0xFF.
REGISTER 0x08
CONFIGURATION REGISTER
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
FSW
VSC1
VSC0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
VSC[1..0]
2 levels of Short-Circuit Thresholds (1 = 8V, 0 = 3.1V, accuracy ±15%)
FSW[2]
2 levels of Switching Frequencies (1 = 1,200kHz, 0 = 600kHz)
FIGURE 29. DESCRIPTIONS OF CONFIGURATION REGISTER
FIGURE 30. OUTPUT CHANNEL REGISTER
REGISTER 0x09
OUTPUT CHANNEL REGISTER
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
Bit 7 (R/W)
Bit 6 (R/W)
Bit 5 (R/W)
Bit 4 (R/W)
Bit 3 (R/W)
Bit 2 (R/W)
Bit 1 (R/W)
Bit 0 (R/W)
BIT ASSIGNMENT
BIT FIELD DEFINITIONS
CH[7..0]
CH7 = Channel 7, CH6 = Channel 6 and so on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com