Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97635 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97635 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97635 Datasheet HTML 1Page - Renesas Technology Corp ISL97635 Datasheet HTML 2Page - Renesas Technology Corp ISL97635 Datasheet HTML 3Page - Renesas Technology Corp ISL97635 Datasheet HTML 4Page - Renesas Technology Corp ISL97635 Datasheet HTML 5Page - Renesas Technology Corp ISL97635 Datasheet HTML 6Page - Renesas Technology Corp ISL97635 Datasheet HTML 7Page - Renesas Technology Corp ISL97635 Datasheet HTML 8Page - Renesas Technology Corp ISL97635 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISL97635
FN6434 Rev.3.00
Page 2 of 28
Sep 26, 2017
Ordering Information
PART NUMBER (Notes 1, 2, 3)PART MARKING
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL97635IRZ
976 35IRZ
24 Ld 4x4 QFN
L24.4x4D
NOTES:
1. Add “-T” suffix for 6k unit or “-TK” suffix for 1k unit tape and reel options. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see product information page for ISL97635. For more information on MSL, see tech brief TB363.
Typical Application Circuit
FIGURE 1. Typical Application Circuit
SMBDAT
VBL+ = 6V TO 24V
PWMI/EN
PWMO
COMP
VIN
FAULT
OVP
PGND
RSET
VOUT = 34.5V, 30mA PER STRING
VDC
LX
SMBCLK
IIN0
IIN3
IIN2
IIN4
IIN5
IIN6
IIN7
FPWM
23
24
1
2
6
4
11
3
7
9
10
12
8
17
13
14
15
16
19
21
22
LX 20
PGND 18
GND
5
ISL97635
IIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com